Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D277X0060K2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 138D277X0060K2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D277X0060K2 Datasheet(HTML) 1 Page - Vishay Siliconix

  138D277X0060K2 Datasheet HTML 1Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 2Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 3Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 4Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 5Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 6Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 7Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 40025
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 17-Mar-08
17
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
138D
Vishay
FEATURES
• Terminations:
standard
tin/lead
(SnPb),
100 % tin (RoHS compliant) available
• Improved reliability through the use of a
glass-to-tantalum true hermetic anode seal is
the prime feature of the Type 138D sintered
anode TANTALEX® capacitor. This construction
offers outstanding resistance to thermal shock.
Model 138D is the commercial equivalents of Tansitor
styles WT, UWT, Mallory-NACC styles TLX, TXX and
Military styles CL66, CL67, CLR65, and CLR69, designed
to
meet
the
performance
requirements
of Military
Specification
MIL-PRF-39006/09/21.
Capacitors
in
accordance with military specifications should be ordered
by their military part numbers.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C and with voltage
derating to two-thirds the + 85 °C rating at + 125 °C. Use of
Type 138D capacitors for high temperature applications is
recommended.
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL Max.): At + 25 °C, + 85 °C and
+ 125 °C: Leakage current shall not exceed the values listed
in the Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000 h
life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
Following the life test:
1. DCL shall not exceed 125 % of the original requirement.
2. The ESR shall not exceed 200 % of the initial requirement.
3. Change in capacitance value shall not exceed the
percentages below.
a) 6 WVDC Units: + 10 % to - 25 % of initial measurement.
b) 8 WVDC and 10 WVDC Units: + 10 % to - 20 % of initial
measurement.
c) 15 WVDC Units: + 10 % to - 15 % of initial measurement.
d) 20 WVDC and above: ± 10 % of initial measurement.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
138D
306
X0
006
C
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE CODE
TERMINATION
RoHS COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
Special Order
This is expressed in volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
See Ratings
and
Case Codes
Table
0 = No outer sleeve
2 = Outer plastic film
insulation
E3 = 100 % tin termination
(RoHS compliant)
Blank = SnPb termination
(standard design)
Note
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to
the unit weight.
DIMENSIONS in inches [millimeters]
CASE
CODE
BARE TUBE
WITH OUTER PLASTIC -
FILMINSULATION
LEAD LENGTH
MAX.
WEIGHT
(oz./g)
D
L
D (Max.)
L (Max.)
C
0.188 ± 0.016 [4.78 ± 0.41] 0.453 + 0.031 - 0.016 [11.51 + 0.79 - 0.41]
0.219 [5.56]
0.608 [15.45] 1.500 ± 0.250 [38.10 ± 6.35]
0.07 [2.0]
F
0.281 ± 0.016 [7.14 ± 0.41] 0.641 + 0.031 - 0.016 [16.28 + 0.79 - 0.41]
0.312 [7.92]
0.796 [20.22] 2.250 ± 0.250 [57.15 ± 6.35]
0.18 [5.1]
T
0.375 ± 0.016 [9.53 ± 0.41] 0.766 + 0.031 - 0.016 [19.46 + 0.79 - 0.41] 0.406 [10.31] 0.921 [23.40] 2.250 ± 0.250 [57.15 ± 6.35] 0.36 [10.2]
K
0.375 ± 0.016 [9.53 ± 0.41] 1.062 + 0.031 - 0.023 [26.97 + 0.79 - 0.58] 0.406 [10.31] 1.127 [30.91] 2.250 ± 0.250 [57.15 ± 6.35] 0.49 [13.9]
L
Weld
0.250 [6.35]
Max.
0.0253 ± 0.002 [0.64 ± 0.05] Dia.
(No. 22 AWG) Tinned Solderable Leads
Tantalum
D


Similar Part No. - 138D277X0060K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D277X0006F2 VISHAY-138D277X0006F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D277X0015T2 VISHAY-138D277X0015T2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D277X0060K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com