Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240URR60D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 240URR60D
Description  Standard Recovery Diodes (Stud Version), 320 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

240URR60D Datasheet(HTML) 3 Page - Vishay Siliconix

  240URR60D Datasheet HTML 1Page - Vishay Siliconix 240URR60D Datasheet HTML 2Page - Vishay Siliconix 240URR60D Datasheet HTML 3Page - Vishay Siliconix 240URR60D Datasheet HTML 4Page - Vishay Siliconix 240URR60D Datasheet HTML 5Page - Vishay Siliconix 240URR60D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93504
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 28-May-08
3
240U(R).. Series
Standard Recovery Diodes
(Stud Version), 320 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Average Forward Current (A)
80
90
100
110
120
130
140
150
160
170
180
0
50
100 150 200 250 300 350
30°
60°
90°
120°
180°
Conduction Angle
240U(R)
RthJC (DC) = 0.18 K/W
Average Forward Current (A)
60
80
100
120
140
160
180
0
100
200
300
400
500
600
30°
60°
90°
180°
DC
120°
240U(R)
RthJC (DC) = 0.18 K/W
Conduction Period
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
20406080 100 120 140 160 180
0.2
K/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
3 K/W
1.5 K/W
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300 350
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
240U(R)..
Tj = 180°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
20406080 100 120 140 160 180
RthSA
= 0.1
K/W
- Delta
R
0.2
K/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
3 K/W
1.5 K/W
0
100
200
300
400
500
600
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
240U(R) Series
Tj = 180°C


Similar Part No. - 240URR60D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
240UR060D IRF-240UR060D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
240UR080D IRF-240UR080D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
240UR10 NAINA-240UR10 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
240UR100 NAINA-240UR100 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
240UR100D IRF-240UR100D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 240URR60D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
240UR60D VISHAY-240UR60D_12 Datasheet
131Kb / 7P
   Standard Recovery Diodes (Stud Version), 320 A
Revision: 28-May-08
VS-240U80D VISHAY-VS-240U80D Datasheet
184Kb / 7P
   Standard Recovery Diodes (Stud Version), 320 A
Revision: 25-Nov-13
VS-240UR VISHAY-VS-240UR Datasheet
156Kb / 7P
   Standard Recovery Diodes, (Stud Version), 320 A
01-Jan-2022
VS-240U VISHAY-VS-240U_V01 Datasheet
157Kb / 7P
   Standard Recovery Diodes, (Stud Version), 320 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com