Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200HF40WVL3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 200HF40WVL3
Description  Standard Recovery Diodes (Stud Version), 200 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200HF40WVL3 Datasheet(HTML) 1 Page - Vishay Siliconix

  200HF40WVL3 Datasheet HTML 1Page - Vishay Siliconix 200HF40WVL3 Datasheet HTML 2Page - Vishay Siliconix 200HF40WVL3 Datasheet HTML 3Page - Vishay Siliconix 200HF40WVL3 Datasheet HTML 4Page - Vishay Siliconix 200HF40WVL3 Datasheet HTML 5Page - Vishay Siliconix 200HF40WVL3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93500
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 28-May-08
1
Standard Recovery Diodes
(Stud Version), 200 A
200HF..L
Vishay High Power Products
FEATURES
• Diffused glass passivated die
• Standard JEDEC types
• Types up to 600 V VRRM
• Stud cathode and stud anode version
• High surge capability
• Very low VF
• RoHS compliant
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
•Welders
• Power supplies
• Battery charges
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
200 A
DO-205AC (DO-30)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
200
A
TC
125
°C
IF(RMS)
314
A
IFSM
50 Hz
3570
A
60 Hz
3740
I2t
50 Hz
64
kA2s
60 Hz
58
VRRM
Range
400 to 600
V
TJ
- 40 to 180
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 180 °C
mA
200HF
40
400
500
10
60
600
700


Similar Part No. - 200HF40WVL3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
200HF40MBV IRF-200HF40MBV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF40MSV IRF-200HF40MSV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF40MV IRF-200HF40MV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF40PBV IRF-200HF40PBV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF40PSV IRF-200HF40PSV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - 200HF40WVL3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
SD200R20PC VISHAY-SD200R20PC Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
VS-SD200NR VISHAY-VS-SD200NR Datasheet
140Kb / 7P
   Standard Recovery Diodes, (Stud Version), 200 A
01-Jan-2022
SD203NR VISHAY-SD203NR Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
VS-SD203NR VISHAY-VS-SD203NR Datasheet
276Kb / 10P
   Fast Recovery Diodes (Stud Version) 200 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com