Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215061122E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215061122E3
Description  Aluminum Capacitors Radial Miniature, Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215061122E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215061122E3 Datasheet HTML 1Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 2Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 3Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 4Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 5Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 6Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 7Page - Vishay Siliconix MAL215061122E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 28323
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 29-Oct-07
141
150 RMI
Aluminum Capacitors
Radial Miniature, Low Impedance
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
1500
-
12.5 x 20
12.5 x 25
16 x 20
16 x 31
-
-
-
-
-
12.5 x 35
-
-
-
2200
12.5 x 20
12.5 x 25
16 x 20
16 x 31
-
-
-
-
-
12.5 x 35
-
-
-
-
3300
12.5 x 25
16 x 20
16 x 31
18 x 31
-
-
-
4700
16 x 25
16 x 31
16 x 35
-
-
-
-
6800
16 x 31
16 x 35
-
-
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
35
50
63
100
Fig.2 Form CA: Long leads
Fig.3 Form CB: Cut leads
Fig.4 Form TFA: Taped in box (ammopack)
L
F
15
min.
5
min.
Ø d
Ø D
+
-
Ø D
L
4
1
0
F
Ø d
Formed leads for Ø D = 8 mm with pitch F = 5 mm
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø dØ Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
FORM
CB
FORM
TFA
8 x 12
13
0.6
8.5
13.0
3.5 ± 0.5
≈ 1.1
5000
5000
1000
8 x 15
13L
0.6
8.5
16.0
3.5 ± 0.5
≈ 1.3
5000
5000
1000
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
≈ 1.6
1000
500
800
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
≈ 1.9
500
500
800
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
≈ 2.2
500
500
800
12.5 x 20
17
0.6
13.0
22.0
5.0 ± 0.5
≈ 4.0
500
500
500
12.5 x 25
18
0.6
13.0
27.0
5.0 ± 0.5
≈ 5.0
250
250
500
12.5 x 35
18LL
0.6
13.0
37.5
5.0 ± 0.5
≈ 6.0
250
250
-
16 x 20
19a
0.8
16.5
22.0
7.5 ± 0.5
≈ 6.0
250
250
250
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
≈ 8.0
250
250
250
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
≈ 9.0
100
100
250
16 x 35
21
0.8
16.5
37.5
7.5 ± 0.5
≈ 11.0
100
100
-
18 x 20
1820
0.8
18.5
22.0
7.5 ± 0.5
≈ 8.0
100
100
-
18 x 31
1831
0.8
18.5
33.5
7.5 ± 0.5
≈ 12.5
100
100
-


Similar Part No. - MAL215061122E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215095001E3 VISHAY-MAL215095001E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095002E3 VISHAY-MAL215095002E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095011E3 VISHAY-MAL215095011E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095101E3 VISHAY-MAL215095101E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095102E3 VISHAY-MAL215095102E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
More results

Similar Description - MAL215061122E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
Revision: 20-Mar-17
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com