Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD610-4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILD610-4
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD610-4 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD610-4 Datasheet HTML 1Page - Vishay Siliconix ILD610-4 Datasheet HTML 2Page - Vishay Siliconix ILD610-4 Datasheet HTML 3Page - Vishay Siliconix ILD610-4 Datasheet HTML 4Page - Vishay Siliconix ILD610-4 Datasheet HTML 5Page - Vishay Siliconix ILD610-4 Datasheet HTML 6Page - Vishay Siliconix ILD610-4 Datasheet HTML 7Page - Vishay Siliconix ILD610-4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83651
2
Rev. 1.8, 09-Jan-08
ILD610
Vishay Semiconductors
Optocoupler, Phototransistor
Output, Dual Channel
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Note
(1) CTR will match within a ratio of 1.7:1
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Lead soldering time at 260 °C
10
s
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
OUTPUT
Collector emitter breakdown
voltage
IC = 10 mA, IE = 10 µA
BVCEO
70
90
V
BVCEO
6.0
7.0
V
Collector emitter dark current
VCE = 10 V
ICEO
2.0
50
nA
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
7.0
pF
Collector emitter leakage current
VCE = 10 V
ILD610-1
ICEO
2.0
50
nA
ILD610-2
ICEO
2.0
50
nA
ILD610-3
ICEO
5.0
100
nA
ILD610-4
ICEO
5.0
100
nA
COUPLER
Collector emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.40
V
Coupling capacitance
CC
0.35
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
CTR (1)
IF = 10 mA, VCE = 5.0 V
ILD610-1
CTR
40
80
%
ILD610-2
CTR
63
125
%
ILD610-3
CTR
100
200
%
ILD610-4
CTR
160
320
%
IF = 1.0 mA, VCE = 5.0 V
ILD610-1
CTR
13
%
ILD610-2
CTR
22
%
ILD610-3
CTR
34
%
ILD610-4
CTR
56
%


Similar Part No. - ILD610-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD610-4 SIEMENS-ILD610-4 Datasheet
58Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD610-4 VISHAY-ILD610-4 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610-4X009 VISHAY-ILD610-4X009 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
More results

Similar Description - ILD610-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com