Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD610-3X009 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILD610-3X009
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD610-3X009 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILD610-3X009 Datasheet HTML 1Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 2Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 3Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 4Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 5Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 6Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 7Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 83651
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 09-Jan-08
3
ILD610
Optocoupler, Phototransistor
Output, Dual Channel
Vishay Semiconductors
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Rise time
VCC = 5.0 V, RL = 75 Ω,
IF = 10 mA
ILD610-1
tr
2.0
µs
ILD610-2
2.5
ILD610-3
2.9
ILD610-4
3.3
Fall time
VCC = 5.0 V, RL = 75 Ω,
IF = 10 mA
ILD610-1
tf
2.0
µs
ILD610-2
2.6
ILD610-3
3.1
ILD610-4
3.5
Turn-on time
VCC = 5.0 V, RL = 75 Ω,
IF = 10 mA
ILD610-1
ton
3.0
µs
ILD610-2
3.2
ILD610-3
3.6
ILD610-4
2.3
Turn-off time
VCC = 5.0 V, RL = 75 Ω,
IF = 10 mA
ILD610-1
toff
2.9
µs
ILD610-2
3.4
ILD610-3
3.7
ILD610-4
4.1
SATURATED
Rise time
VCC = 5.0 V, RL = 1.0 kΩ,
IF = 5.0 mA
ILD610-1
tr
2.0
µs
ILD610-2
2.8
ILD610-3
3.3
ILD610-4
4.6
Fall time
VCC = 5.0 V, RL = 1.0 kΩ,
IF = 5.0 mA
ILD610-1
tf
11
µs
ILD610-2
2.6
ILD610-3
3.1
ILD610-4
15
Turn-on time
VCC = 5.0 V, RL = 1.0 kΩ,
IF = 5.0 mA
ILD610-1
ton
3.0
µs
ILD610-2
4.3
ILD610-3
4.6
ILD610-4
6.0
Turn-off time
VCC = 5.0 V, RL = 1.0 kΩ,
IF = 5.0 mA
ILD610-1
toff
18
µs
ILD610-2
2.9
ILD610-3
3.4
ILD610-4
25


Similar Part No. - ILD610-3X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD610-3X009 VISHAY-ILD610-3X009 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
More results

Similar Description - ILD610-3X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com