Electronic Components Datasheet Search |
|
202D568X0015B3 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
202D568X0015B3 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 11 page Document Number: 40027 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 14-Oct-05 105 200D, 202D Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies Vishay DIMENSIONS in inches [millimeters] CASE CODE H CASE HEIGHT TYPICAL WEIGHT (g) A1 1.062 [26.97] 45 A2 1.375 [34.93] 60 A3 1.625 [41.28] 80 A4 2.000 [50.80] 100 A5 2.500 [63.50] 125 B1 1.500 [38.10] 170 B2 1.875 [47.63] 210 B3 2.250 [57.15] 250 B4 2.625 [66.68] 290 B5 3.000 [76.20] 335 B6 3.375 [85.73] 380 B7 3.750 [95.25] 420 D3 1.625 [41.28] 120 Series “D” Case 45° CL C L 0.281 ± 0.062 [7.14 ± 1.57] 0.140 ± 0.031 [3.56 ± 0.79] 0.531 ± 0.031 [13.49 ± 0.79] 0.265 ± 0.015 [6.73 ± 0.38] 0.138 [3.51] NOM. (6-32 NC 2A THD.) 0.140 x 0.125 [1.57 x 3.18] HOLE 0.375 ± 0.062 [9.53 ± 1.57] H ± 0.031 [0.79] 0.875 ± 0.031 [22.23 ± 0.79] 0.875 ± 0.031 [22.23 ± 0.79] STANDARD RATINGS CAPACITANCE (µF) CASE CODE PART NUMBER (1) TYPE 200D PART NUMBER (1) TYPE 202D MAX. ESR at + 25 °C ( Ω) MAX. IMP. at - 55 °C ( Ω) MAX. RMS RIPPLE 120 Hz (A) 15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C 960.0 A1 200D967X0015A1 202D967X0015A1 0.25 3.1 1.17 1200.0 A2 200D128X0015A2 202D128X0015A2 0.21 2.3 1.45 1400.0 A3 200D148X0015A3 202D148X0015A3 0.18 1.7 1.67 1600.0 A1 200D168X0015A1 202D168X0015A1 0.25 4.2 1.20 2100.0 A2 200D218X0015A2 202D218X0015A2 0.19 3.1 1.52 2100.0 A4 200D218X0015A4 202D218X0015A4 0.12 1.3 2.22 2200.0 D3 - 202D228X0015D3 0.30 5.8 1.14 2400.0 A5 200D248X0015A5 202D248X0015A5 0.10 1.15 2.66 2700.0 A3 200D278X0015A3 202D278X0015A3 0.15 2.5 1.83 3200.0 A4 200D328X0015A4 202D328X0015A4 0.13 2.1 2.13 3300.0 B1 - 202D338X0015B1 0.14 3.2 2.17 4300.0 A5 200D438X0015A5 202D438X0015A5 0.095 1.6 2.73 4500.0 B2 - 202D458X0015B2 0.11 2.4 2.65 5600.0 B3 - 202D568X0015B3 0.085 1.9 3.24 6700.0 B4 - 202D678X0015B4 0.070 1.6 3.80 7800.0 B5 - 202D788X0015B5 0.061 1.4 4.28 9000.0 B6 - 202D908X0015B6 0.053 1.2 4.84 10 000.0 B7 - 202D109X0015B7 0.047 1.1 5.38 20 WVDC at + 85 °C . . . 13 WVDC at + 125 °C 1300.0 A1 200D138X0020A1 202D138X0020A1 0.25 5.0 1.20 1700.0 A2 200D178X0020A2 202D178X0020A2 0.19 3.8 1.52 1900.0 D3 - 202D198X0020D3 0.21 5.0 1.36 2200.0 A3 200D228X0020A3 202D228X0020A3 0.15 3.0 1.83 2700.0 A4 200D278X0020A4 202D278X0020A4 0.13 2.5 2.13 2800.0 B1 - 202D288X0020B1 0.14 3.3 2.17 3500.0 A5 200D358X0020A5 202D358X0020A5 0.094 1.9 2.75 3800.0 B2 - 202D388X0020B2 0.11 2.5 2.65 4700.0 B3 - 202D478X0020B3 0.085 2.0 3.24 5600.0 B4 - 202D568X0020B4 0.071 1.7 3.77 6600.0 B5 - 202D668X0020B5 0.061 1.4 4.28 7500.0 B6 - 202D758X0020B6 0.053 1.3 4.84 8500.0 B7 - 202D858X0020B7 0.047 1.1 5.38 Note (1) The Part Numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”. For requirements or ratings other than those listed, please contact a Vishay representative. |
Similar Part No. - 202D568X0015B3 |
|
Similar Description - 202D568X0015B3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |