Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195D105X_016C2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 195D105X_016C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D105X_016C2T Datasheet(HTML) 5 Page - Vishay Siliconix

  195D105X_016C2T Datasheet HTML 1Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 2Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 3Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 4Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 5Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 6Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 7Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 8Page - Vishay Siliconix 195D105X_016C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
195D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40011
114
Revision: 05-May-08
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
100
10
1
0.1
FREQUENCY IN Hz
100M
10M
1M
100K
10K
1K
“S” Case
100
10
1
0.1
FREQUENCY IN Hz
100M
10M
1M
100K
10K
1K
“V” Case
15 µF - 4 VDC
0.47 µF - 50 VDC
IMPEDANCE
ESR
1000
100
10
1
0.01
0.1
FREQUENCY IN Hz
100
10M
1M
100K
10K
1K
“X” Case
10 µF - 16 VDC
6.8 µF - 20 VDC
IMPEDANCE
ESR
100
10
1
0.01
0.1
FREQUENCY IN Hz
100
10M
1M
100K
10K
1K
“Y” Case
47 µF - 6.3 VDC
22 µF - 10 VDC
IMPEDANCE
ESR
100
10
1
0.01
0.1
FREQUENCY IN Hz
100
10M
1M
100K
10K
1K
“Z” Case
100 µF - 6.3 VDC
4.7 µF - 50 VDC
IMPEDANCE
ESR


Similar Part No. - 195D105X_016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D105X-016C2T VISHAY-195D105X-016C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D105X_016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com