Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213849221E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL213849221E3
Description  Aluminum Capacitors Axial Miniature, Long-Life
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213849221E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL213849221E3 Datasheet HTML 1Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 2Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 3Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 4Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 5Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 6Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 7Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 8Page - Vishay Siliconix MAL213849221E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332
206
Revision: 15-Oct-08
138 AML
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature, Long-Life
DIMENSIONS in millimeters AND AVAILABLE FORMS
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
1016
25405063
100
1.0
-------
6.3 x 12.7
2.2
-------
6.3 x 12.7
4.7
------
6.3 x 12.7
7.7 x 12.7
10
-
-
-
6.3 x 12.7
-
6.3 x 12.7
7.7 x 12.7
6.5 x 18
22
-
-
6.3 x 12.7
6.3 x 12.7
-
7.7 x 12.7
6.5 x 18
8 x 18
33
-
-
-
6.3 x 12.7
7.7 x 12.7
-
-
-
47
-
-
6.3 x 12.7
7.7 x 12.7
6.5 x 18
-
8 x 18
10 x 25
68
-------
10 x 30
100
6.3 x 12.7
-
7.7 x 12.7
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30
150
-
7.7 x 12.7----
10 x 30
15 x 30
220
7.7 x 12.7
6.5 x 18
8 x 18
10 x 18
10 x 25
-
12.5 x 30
15 x 30
330
----
10 x 30-
12.5 x 30
18 x 30
470
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30
-
15 x 30
18 x 38
680
-
-
-
10 x 30
12.5 x 30
-
18 x 30
21 x 38
1000
10 x 18
10 x 25
10 x 30
12.5 x 30
15 x 30
-
18 x 38
-
1500
-
10 x 30
12.5 x 30
15 x 30
18 x 30
-
21 x 38
-
2200
10 x 25
12.5 x 30
15 x 30
18 x 30
18 x 38
-
-
-
3300
-
15 x 30
18 x 30
18 x 38
21 x 38
-
-
-
4700
-
18 x 30
18 x 30
18 x 38
----
6800
-
18 x 38
18 x 38
21 x 38
----
10 000
-
18 x 38
21 x 38-----
15 000
-
21 x 38------
L
63.5 ± 1.5
Ø D
Ø d
+
F
Form BR: Taped on reel
Form BA: Taped in box (ammopack)
case Ø D x L = 6.3 x 12.7 to 7.7 x 12.7 mm
Fig.2 Forms BA and BR
73 ± 1.6
Ø D
Ø d
L
F
+
Form BR: Taped on reel
case Ø D x L = 6.5 x 18 to 15 x 30 mm
Form BA: Taped in box (ammopack)
case Ø D x L = 6.5 x 18 to 10 x 25 mm
Fig.3 Forms BA and BR
Ø D
IL
F
33 ± 1
Form AA: Axial in box
case Ø D x L = 10 x 30 to 21 x 38 mm
Fig.4 Form AA


Similar Part No. - MAL213849221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213849221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com