Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215612103E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL215612103E3
Description  Aluminum Capacitors Aluminum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215612103E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL215612103E3 Datasheet HTML 1Page - Vishay Siliconix MAL215612103E3 Datasheet HTML 2Page - Vishay Siliconix MAL215612103E3 Datasheet HTML 3Page - Vishay Siliconix MAL215612103E3 Datasheet HTML 4Page - Vishay Siliconix MAL215612103E3 Datasheet HTML 5Page - Vishay Siliconix MAL215612103E3 Datasheet HTML 6Page - Vishay Siliconix MAL215612103E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 28337
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
35
Aluminum Capacitors
Power Ultra Miniature Snap-In
156 PUM-SI
Vishay BCcomponents
FEATURES
Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, very small dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Charge and discharge proof
• Long useful life: 5000 hours at 85 °C
• High ripple current capability
• Keyed polarity version available
APPLICATIONS
• General purpose, industrial and audio/video systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• ‘-’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (Ø D x L in mm)
22 x 25 to 35 x 60
Rated capacitance range
(E6 series), CR
1000 µF to 22 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
10 V to 100 V
Category temperature range
- 40 °C to + 85 °C
Endurance test at 85 °C
2000 hours
Useful life at 85 °C
5000 hours
Useful life at 40 °C and
1.4 x IR applied
90 000 hours
Shelf life at 0 V, 85 °C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
Fig.1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
16
25
40
50
63
80
100
1000
-----
-
22 x 30
1200
-----
-
22 x 35
1500
----
22 x 25
22 x 30
25 x 30
1800
----
25 x 25--
2200
-
-
-
22 x 25
22 x 30
25 x 30
25 x 40
----
25 x 25-
30 x 30
2700
-
-
22 x 25
-
25 x 30
-
30 x 35
3300
-
-
22 x 30
22 x 30
25 x 35
25 x 40
30 x 40
-
-
25 x 25
-
-
-
35 x 30
3900
-
-
-
25 x 30
25 x 40
-
-
4700
-
-
25 x 30
25 x 35
22 x 50
30 x 40
30 x 50
-
22 x 25
-
-
30 x 30
-
35 x 40
5600
-
25 x 25
-
25 x 40
30 x 35
-
-
6800
-
-
25 x 40
30 x 30
30 x 40
30 x 50
35 x 50
8200
-
-
30 x 30
30 x 35
30 x 50
-
35 x 60
10 000
25 x 30
22 x 40
30 x 35
30 x 40
35 x 40
35 x 50
-
12 000
-
25 x 40
30 x 40
30 x 50
35 x 50
-
-
15 000
25 x 40
30 x 35
30 x 50
-
35 x 60
-
-
30 x 30----
--
18 000
-
30 x 40
35 x 40
35 x 50
-
-
-
22 000
30 x 35
-
35 x 50
35 x 60
-
-
-
27 000
-
35 x 40
-
-
-
-
-
39 000
35 x 40----
--


Similar Part No. - MAL215612103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215612103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
   Aluminum Capacitors
Revision: 12-Jun-13
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com