Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

053PEC-PW Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 053PEC-PW
Description  Aluminum Capacitors Power Economic Printed Wiring
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

053PEC-PW Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 053PEC-PW Datasheet HTML 2Page - Vishay Siliconix 053PEC-PW Datasheet HTML 3Page - Vishay Siliconix 053PEC-PW Datasheet HTML 4Page - Vishay Siliconix 053PEC-PW Datasheet HTML 5Page - Vishay Siliconix 053PEC-PW Datasheet HTML 6Page - Vishay Siliconix 053PEC-PW Datasheet HTML 7Page - Vishay Siliconix 053PEC-PW Datasheet HTML 8Page - Vishay Siliconix 053PEC-PW Datasheet HTML 9Page - Vishay Siliconix 053PEC-PW Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors
Power Economic Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346
6
Revision: 14-Aug-08
CAPACITANCE (C)
EQUIVALENT SERIES RESISTANCE (ESR)
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH
T
amb (°C)
0.8
0.9
1.0
C
0
1.1
C
- 40
0
20
40
60
80
100
- 20
Curve 1: U
R = 100 V and 200 V
Curve 2: U
R = 10 V, 16 V, 25 V, 40 V and 63 V
Curve 3: U
R = 385V
C
0 = capacitance at 20 °C, 100 Hz
1
2, 3
2
1, 3
Fig.10 Typical multiplier of capacitance as a
function of ambient temperature.
0.8
0.9
1.0
C
0
1.1
C
10
4
10
3
10
2
10
f (Hz)
4
1
1
2
3
4
C
0 = capacitance at 20 °C, 100 Hz
Curve 1: U
R = 100 V and 200 V
Curve 2: U
R = 40 V and 63 V
Curve 3: U
R = 25 V and 385 V
Curve 4: U
R = 10 V and 16 V
Fig.11 Typical multiplier of capacitance as a
function of frequency.
10
5
10
4
10
3
10
2
10
f (Hz)
0.6
0.8
1.0
1.4
1
3
2
ESR
(
Ω)
1.2
1
3
2
Curve 1: U
R = 10 V, 16 V and 25 V
Curve 2: U
R = 40 V, 63 V and 385 V
Curve 3: U
R = 100 V and 200 V
ESR
0 = typical at 20 °C, 100 Hz
Fig.12 Typical multiplier of typical ESR as a
function of frequency.
T
amb (°C)
1
10
10
2
10
-1
ESR
0
ESR
1
2
3
1
2
3
- 50
0
50
100
ESR
0 = typical at 20 °C, 100 Hz
Case Ø D x L = 25 x 30, 25 x 40, 30 x 40, and 35 x 40 mm
Curve 1: U
R = 385 V
Curve 2: U
R = 100 V and 200 V
Curve 3: U
R = 10 V and 63 V
Fig.13 Typical multiplier of ESR as a function of
ambient temperature.


Similar Part No. - 053PEC-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
053PEC-PW VISHAY-053PEC-PW Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
More results

Similar Description - 053PEC-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com