Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205014103E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL205014103E3
Description  Aluminum Capacitors Power Eurodin Printed Wiring
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205014103E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL205014103E3 Datasheet HTML 1Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 2Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 3Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 4Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 5Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 6Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 7Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 8Page - Vishay Siliconix MAL205014103E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
050/052 PED-PW
Vishay BCcomponents
Aluminum Capacitors
Power Eurodin Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28345
2
Revision: 17-Jun-08
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 052 SERIES (Ø D x L)
CR
(µF)
UR (V)
250
385
400
47
-
25 x 30
25 x 30
68
-
25 x 40
25 x 40
100
25 x 30
30 x 40
30 x 40
150
25 x 40
35 x 40
35 x 40
220
30 x 40
35 x 50
35 x 50
-
40 x 40
40 x 40
330
35 x 40
40 x 50
40 x 50
470
35 x 50
40 x 70
40 x 70
40 x 40
-
-
680
40 x 50
-
40 x 100
1000
40 x 70
-
-
DIMENSIONS in millimeters AND AVAILABLE FORMS
4.9 ± 0.2
Case Ø D = 25 mm
Fig. 2 Printed wiring pin version
Ø D + 1 max.
L + 5 max.
L
Case Ø D = 25 mm
Fig. 3 Mounting hole diagram viewed from component side
-
1.3
(3 x)
12.5
± 0.1
10 ± 0.1
2.5
Case Ø D = 30 mm
Fig. 4 Printed wiring pin version
4.9 ± 0.2
L + 5 max.
Ø D + 1 max.
Case Ø D = 30 mm
Fig. 5 Mounting hole diagram viewed from component side
15
0.1
1.3
(4 x)
7.5 ± 0.1
17.5
0.1
2.5
1
2
3
-
±
±


Similar Part No. - MAL205014103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205144473E3 VISHAY-MAL205144473E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205145333E3 VISHAY-MAL205145333E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205146223E3 VISHAY-MAL205146223E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205147153E3 VISHAY-MAL205147153E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205148103E3 VISHAY-MAL205148103E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results

Similar Description - MAL205014103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com