Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL204282109E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL204282109E3
Description  Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204282109E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL204282109E3 Datasheet HTML 1Page - Vishay Siliconix MAL204282109E3 Datasheet HTML 2Page - Vishay Siliconix MAL204282109E3 Datasheet HTML 3Page - Vishay Siliconix MAL204282109E3 Datasheet HTML 4Page - Vishay Siliconix MAL204282109E3 Datasheet HTML 5Page - Vishay Siliconix MAL204282109E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
042/043 AMH-ELB
Vishay BCcomponents
Document Number: 28330
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 22-Apr-08
195
Aluminum Capacitors
Axial Miniature High Voltage for E.L.B.
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial
leads,
cylindrical
aluminum
case,
insulated with a blue sleeve
• Taped versions up to case Ø 15 x 30 mm
available for automatic insertion
• Useful life: 20 000 hours
• Stable under overvoltage conditions:
550 V for 24 hours at 85 °C
• High ripple current capability
• Smallest dimensions
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Electronic lighting ballast, power supply
• Smoothing, filtering, buffering at high voltages
• Boards with restricted mounting height, vibration and
shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for - 10 to + 50 %)
• Rated voltage (in V)
• Upper category temperature (85 °C)
• Date code in accordance with IEC 60062
• Code for factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number (042 or 043)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
12.5 x 30 to 18 x 38
Rated capacitance range, CR
6.8to33µF
Tolerance on CR
- 10 to + 50 %
Rated voltage, UR
450 V
Category temperature range
- 25 to + 85 °C
Endurance test at 85 °C
8000 hours
Useful life at 85 °C
20 000 hours
Useful life at 70 °C, IR applied
100 000 hours
Shelf life at 0 V, 85 °C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
25/085/56
042/043
AHH-ELB
105 °C
041-043 ASH
standard
HV
042/043
AMH-ELB
Fig.1 Component outlines
Available
Pb-free
RoHS*
COMPLIANT
DIMENSIONS in millimeters AND AVAILABLE FORMS
73 ± 1.6
Ø D
Ø d
L
F
+
Form BR: Taped on reel
case Ø D x L = 6.5 x 18 to 15 x 30 mm
Fig.2 Form BR
Ø D
IL
F
33 ± 1
Form AA: Axial in box
case Ø D x L = 10 x 30 to 21 x 38 mm
Fig.3 Form AA


Similar Part No. - MAL204282109E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204211101E3 VISHAY-MAL204211101E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211229E3 VISHAY-MAL204211229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211339E3 VISHAY-MAL204211339E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211479E3 VISHAY-MAL204211479E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211689E3 VISHAY-MAL204211689E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204282109E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
042AMH-ELB VISHAY-042AMH-ELB Datasheet
195Kb / 6P
   Aluminum Electrolytic Capacitors Axial Miniature High Voltage for E.L.B.
042AHH-ELB VISHAY-042AHH-ELB Datasheet
99Kb / 6P
   Aluminum Capacitors Axial High Temperature High Voltage for E.L.B.
Revision: 19-Jun-08
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
600D VISHAY-600D Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com