Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL214861152E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL214861152E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214861152E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL214861152E3 Datasheet HTML 1Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 2Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 3Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 4Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 5Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 6Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 7Page - Vishay Siliconix MAL214861152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315
110
Revision: 04-Jan-08
148 RUS
Vishay BCcomponents
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
CAPACITANCE (C)
T
amb (°C)
C
C0
C
0 = typical capacitance at 20 °C, 100 Hz
Fig. 5 Typical multiplier of capacitance as a function of
ambient temperature
- 60
- 40
- 20
0
20
40
60
80
100
120
1.2
1.1
1.0
0.8
0.9
1
2
3
3
1
2
Curve 1: 10 V
Curve 2: 63 V
Curve 3: 100 V
T
amb 20 °C
C
0 = typical capacitance at 20 °C, 100 Hz
Fig. 6 Typical multiplier of capacitance as
a function of frequency
1.2
1.0
0.0
0.6
0.2
0
0.4
10
10
2
10
3
10
4
10
5
2
1
3
C
C
0
Curve 1: 10 V
Curve 2: 50 V
Curve 3: 100 V
EQUIVALENT SERIES RESISTANCE (ESR)
T
amb (°C)
ESR
0 = typical ESR at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
100
10
0.1
1
1
1
2
2
Fig.7 Multiplier of ESR as a function of ambient temperature
Curve 1: 10 V
Curve 2: 63 V
ESR
ESR
0
T
amb = 20 °C
ESR
0 = typical ESR at 20 °C, 100 Hz
Fig.8 Multiplier of ESR as a function of frequency
2.0
1.6
1.2
0.8
0
0.4
10
10
2
10
3
10
4
10
5
C
C
0
3
2
1
3
2
1
Curve 1: 10 V
Curve 2: 50 V
Curve 3: 100 V
IMPEDANCE (Z)
T
amb (°C)
Z
0 = typical impedance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
Fig.9 Multiplier of impedance as a function of ambient temperature
100
10
1
1
2
0
Curve 1: 100 V
Curve 2: < 63 V
Z
Z
0
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
10
2
10
1
10
-1
10
-2
Curve 1: Ø 10 x 12 mm; 10 V
Curve 2: Ø 10 x 16 mm; 10 V
Curve 3: Ø 12.5 x 25 mm; 10 V
Curve 4: Ø 16 x 25 mm; 10 V
Curve 5: Ø 18 x 35 mm; 16 V
Fig.10 Typical impedance as a function of frequency
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
10
2
10
1
10
-1
10
-2
Curve 1: Ø 10 x 12 mm; 10 V
Curve 2: Ø 10 x 16 mm; 10 V
Curve 3: Ø 12.5 x 25 mm; 10 V
Curve 4: Ø 16 x 25 mm; 10 V
Curve 5: Ø 18 x 35 mm; 16 V
Fig.10 Typical impedance as a function of frequency


Similar Part No. - MAL214861152E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214095001E3 VISHAY-MAL214095001E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095002E3 VISHAY-MAL214095002E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095003E3 VISHAY-MAL214095003E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095101E3 VISHAY-MAL214095101E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095102E3 VISHAY-MAL214095102E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
More results

Similar Description - MAL214861152E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
   Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 12-Apr-13
148RUS VISHAY-148RUS_17 Datasheet
132Kb / 9P
   Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 28-Feb-17
148RUS VISHAY-148RUS_V01 Datasheet
130Kb / 9P
   Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
01-Jan-2023
036RSP VISHAY-036RSP_08 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Semi-Professional
Revision: 15-Oct-08
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
   Aluminum Capacitors Radial Semi-Professional
Revision: 26-Apr-13
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
   ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
Revision: 17-Jun-05
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
   Aluminum Electrolytic Capacitors Radial Semi-Professional
01-Jan-2023
047RMS VISHAY-047RMS Datasheet
208Kb / 6P
   Aluminum Capacitors Radial Miniature Semi-Professional
Revision: 16-Nov-05
036RSP VISHAY-036RSP_16 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Radial Semi-Professional
Revision: 15-Jul-16
047RMS VISHAY-047RMS_13 Datasheet
92Kb / 6P
   Aluminum Capacitors Radial Miniature Semi-Professional
Revision: 12-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com