Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205158153E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL205158153E3
Description  Aluminum Capacitors Power Economic Printed Wiring
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205158153E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL205158153E3 Datasheet HTML 2Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 3Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 4Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 5Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 6Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 7Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 8Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 9Page - Vishay Siliconix MAL205158153E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors
Power Economic Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346
8
Revision: 14-Aug-08
IMPEDANCE (Z)
Fig.20 Typical impedance as a function of frequency.
T
amb (20 °C)
10
6
10
5
10
4
10
3
10
2
10
10
7
f (Hz)
10
2
10
1
Z
(
Ω)
10
-2
10
-1
1
2
3
4
5
6
7
8
Curve 1: 220 µF, 385 V
Curve 2: 4700 µF, 200 V
Curve 3: 2200 µF, 100 V
Curve 4: 6800µF, 63 V
Curve 5: 10 000 µF, 40 V
Curve 6: 15 000 µF, 25 V
Curve 7: 22 000 µF, 16 V
Curve 8: 33 000 µF, 10 V
Case Ø D x L = 35 x 50 mm
and 35 x 40 mm
Fig.21 Typical impedance as a function of frequency.
T
amb (20 °C)
10
6
10
5
10
4
10
3
10
2
10
10
7
f (Hz)
10
2
10
1
Z
(
Ω)
10
-1
10
-2
1
2
3
4
5
6
7
8
Curve 1: 330 µF, 385 V
Curve 2: 680 µF, 200 V
Curve 3: 3300 µF, 100 V
Curve 4: 10 000µF, 63 V
Curve 5: 15 000 µF, 40 V
Curve 6: 22 000 µF, 25 V
Curve 7: 33 000 µF, 16 V
Curve 8: 47 000 µF, 10 V
Case Ø D x L = 40 x 40 mm
T
amb (20 °C)
10
6
10
5
10
4
10
3
10
2
10
10
7
f (Hz)
10
2
10
1
Z
(
Ω)
10
-2
10
-1
1
2
3
4
5
6
7
8
Curve 1: 470 µF, 385 V
Curve 2: 1000 µF, 200 V
Curve 3: 47 00 µF, 100 V
Curve 4: 22 000 µF, 40 V
Curve 5: 33 000 µF, 25 V
Curve 6: 47 000 µF, 16 V
Curve 7: 68 000 µF, 10 V
Case Ø D x L = 40 x 50 mm
Fig.22 Typical impedance as a function of frequency.
Fig.23 Typical impedance as a function of frequency.
T
amb (20 °C)
10
6
10
5
10
4
10
3
10
2
10
10
7
f (Hz)
10
2
10
1
Z
(
Ω)
10
10
-2
1
2
3
4
5
6
7
Curve 1: 680 µF, 385 V
Curve 2: 1500 µF, 200 V
Curve 3: 6800 µF, 100 V
Curve 4: 15 000µF, 63 V
Curve 5: 33 000 µF, 40 V
Curve 6: 47 000 µF, 25 V
Curve 7: 68 000 µF, 16 V
Case Ø D x L = 40 x 100 mm
Fig.24 Typical impedance as a function of frequency.
T
amb (20 °C)
10
6
10
5
10
4
10
3
10
2
10
10
7
f (Hz)
10
2
10
1
Z
(
Ω)
10
10
-2
1
2
3
4
5
6
7
8
Curve 1: 1000 µF, 385 V
Curve 2: 2200 µF, 200 V
Curve 3: 10 000 µF, 100 V
Curve 4: 22 000 µF, 63 V
Curve 5: 47 000 µF, 40 V
Curve 6: 68 000 µF, 25 V
Curve 7: 100 000 µF, 16 V
Case Ø D x L = 40 x 100 mm


Similar Part No. - MAL205158153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205158153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com