Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

298D105X0016M2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 298D105X0016M2T
Description  Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

298D105X0016M2T Datasheet(HTML) 2 Page - Vishay Siliconix

  298D105X0016M2T Datasheet HTML 1Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 2Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 3Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 4Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 5Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 6Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 7Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 8Page - Vishay Siliconix 298D105X0016M2T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Document Number: 40065
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 01-Sep-08
39
298D
Solid Tantalum Chip Capacitors
MICROTANLeadframeless Molded
Vishay Sprague
Note: * Preliminary values, contact factory for availability.
RATINGS AND CASE CODES
µF
2.5 V
4 V
6.3 V
10 V
16 V
25 V
35 V
50 V
0.68
M*
1.0
K
K
K/M
M
P*
2.2
K/M
K/M
M
3.3
4.7
K
K*/M
M
M
P
6.8
10
K/M
K*/M
M
15
K*
M
22
M
M
M*
33
M
M
P*
47
M
M
P*
P
100
P*
P
220
P
P
MARKING
M-CASE
P-CASE
V
CODE
CAP, µF
CODE
4
G
0.68
w
6.3
J
1
A
10
A
2.2
J
16
C
3.3
N
20
D
4.7
S
25
E
6.8
W
35
V
10
a
50
T
15
e
22
l
33
n
47
s
68
w
100
A
150
E
220
J
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART
NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
ΔC/C (1)
(%)
2.5 WVDC AT + 85 °C, SURGE = 3.3 V. . . 1.6 WVDC AT + 125 °C, SURGE = 2.1 V
47
M
298D476X02R5M2T
2.4
20
4.0
0.08
± 30
220
P
298D227X02R5P2T
11.0
30
3.0
0.122
± 30
4 WVDC AT + 85 °C, SURGE = 5.2 V. . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
4.7
K
298D475X0004K2T
0.5
15
20
0.027
± 30
10
K
298D106X0004K2T
4.0
50
20
0.027
± 30
10
M
298D106X0004M2T
0.5
8.0
5.0
0.071
± 10
15
K
298D156X0004K2T (2)
10
50
20
0.027
± 30
22
M
298D226X0004M2T
0.9
15
4.0
0.08
± 15
33
M
298D336X0004M2T
2.6
15
4.0
0.08
± 20
47
M
298D476X0004M2T
3.8
20
4.0
0.08
± 30
100
P
298D107X0004P2T
4.0
20
2.0
0.1
± 30
220
P
298D227X0004P2T
17.6
30
3.0
0.122
± 30
6.3 WVDC AT + 85 °C, SURGE = 8 V. . . 4 WVDC AT + 125 °C, SURGE = 5 V
1.0
K
298D105X06R3K2T
0.5
6.0
20
0.027
± 30
2.2
K
298D225X06R3K2T
0.5
8.0
20
0.027
± 30
2.2
M
298D225X06R3M2T
0.5
10
5.0
0.07
± 10
4.7
K
298D475X06R3K2T (2)
4.0
50
20
0.027
± 30
4.7
M
298D475X06R3M2T
0.5
8.0
3.0
0.09
± 10
10
K
298D106X06R3K2T (2)
10
50
20
0.027
± 30
10
M
298D106X06R3M2T
0.6
8.0
5.0
0.071
± 10
15
M
298D156X06R3M2T
1.0
20
7.0
0.06
± 20
M-case
Voltage Code
A
Polarity Bar
K-case
P-case
Capacitance
Code
J
G
Voltage
Code
Polarity Bar


Similar Part No. - 298D105X0016M2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D105X0016M2T VISHAY-298D105X0016M2T Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
More results

Similar Description - 298D105X0016M2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com