Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205015223E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL205015223E3
Description  Aluminum Capacitors Power Eurodin Printed Wiring
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205015223E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL205015223E3 Datasheet HTML 1Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 2Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 3Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 4Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 5Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 6Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 7Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 8Page - Vishay Siliconix MAL205015223E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 28345
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 17-Jun-08
5
050/052 PED-PW
Aluminum Capacitors
Power Eurodin Printed Wiring
Vishay BCcomponents
Table 3
63
1000
25 x 30
1.8
3.4
0.38
0.13
122
74
18102E3
58102E3
1500
25 x 40
2.5
4.7
0.57
0.19
83
54
18152E3
58152E3
2200
30 x 40
3.1
5.9
0.83
0.28
57
41
18222E3
58222E3
3300
35 x 40
3.6
6.8
1.25
0.42
48
35
18332E3
58332E3
4700
35 x 50
4.4
8.3
1.78
0.60
36
27
18472E3
58472E3
4700
40 x 40
3.8
7.2
1.78
0.60
45
33
not available
48472E3
6800
40 x 50
4.7
8.9
2.57
0.86
35
27
18682E3
58682E3
10 000
40 x 70
6.2
11.8
3.78
1.26
25
20
18103E3
58103E3
15 000
40 x 100
8.5
16.1
5.67
1.89
18
16
18153E3
58153E3
100
470
25 x 30
1.4
2.7
0.28
0.10
247
172
19471E3
59471E3
680
25 x 40
1.9
3.6
0.41
0.14
170
116
19681E3
59681E3
1000
30 x 40
2.5
4.7
0.60
0.20
123
88
19102E3
59102E3
1500
35 x 40
3.1
5.8
0.90
0.30
94
71
19152E3
59152E3
2200
35 x 50
3.9
7.4
1.32
0.44
69
55
19222E3
59222E3
2200
40 x 40
3.6
6.8
1.32
0.44
81
65
not available
49222E3
3300
40 x 50
4.6
8.7
1.98
0.66
59
48
19332E3
59332E3
4700
40 x 70
6.2
11.7
2.82
0.94
42
36
19472E3
59472E3
6800
40 x 100
8.2
15.5
4.08
1.36
32
28
19682E3
59682E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 050 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING
CODE SL
MAL2050.......
ORDERING
CODE PW
MAL2050.......
ELECTRICAL DATA AND ORDERING INFORMATION FOR 052 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2052.......
250
100
25 x 30
0.6
1.15
0.15
0.05
1800
1300
53101E3
150
25 x 40
0.8
1.5
0.23
0.08
1100
850
53151E3
220
30 x 40
1.0
1.9
0.33
0.11
750
550
53221E3
330
35 x 40
1.4
2.65
0.49
0.17
500
400
53331E3
470
35 x 50
1.8
3.4
0.70
0.24
360
290
53471E3
470
40 x 40
1.8
3.4
0.70
0.24
420
350
43471E3
680
40 x 50
2.3
4.4
1.02
0.34
250
190
53681E3
1000
40 x 70
3.0
5.7
1.50
0.50
170
140
53102E3
385
47
25 x 30
0.5
0.94
0.11
0.04
2370
1550
58479E3
68
25 x 40
0.67
1.27
0.16
0.06
1640
1100
58689E3
100
30 x 40
0.84
1.59
0.23
0.08
1275
950
58101E3
150
35 x 40
1.13
2.14
0.34
0.11
850
635
58151E3
220
35 x 50
1.48
2.8
0.50
0.17
580
430
58221E3
220
40 x 40
1.48
2.8
0.50
0.17
580
430
48221E3
330
40 x 50
1.97
3.73
0.75
0.25
385
300
58331E3
470
40 x 70
2.7
5.11
1.06
0.36
270
215
58471E3
400
47
25 x 30
0.47
0.89
0.11
0.04
2700
2125
56479E3
68
25 x 40
0.63
1.29
0.16
0.06
1875
1470
56689E3
100
30 x 40
0.84
1.59
0.24
0.08
1275
1000
56101E3
150
35 x 40
1.13
2.14
0.36
0.12
850
665
56151E3
220
35 x 50
1.41
2.67
0.52
0.17
650
450
56221E3
220
40 x 40
1.41
2.67
0.52
0.17
650
450
46221E3
330
40 x 50
1.86
3.52
0.79
0.26
435
315
56331E3
470
40 x 70
2.54
4.81
1.12
0.37
305
225
56471E3
680
40 x 100
3.56
6.75
1.63
0.54
210
155
56681E3


Similar Part No. - MAL205015223E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205144473E3 VISHAY-MAL205144473E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205145333E3 VISHAY-MAL205145333E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205146223E3 VISHAY-MAL205146223E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205147153E3 VISHAY-MAL205147153E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205148103E3 VISHAY-MAL205148103E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results

Similar Description - MAL205015223E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com