Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA980-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA980-GS18
Description  RF PIN Diode - Single in QuadroMELF SOD80
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA980-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA980-GS18 Datasheet HTML 1Page - Vishay Siliconix BA980-GS18 Datasheet HTML 2Page - Vishay Siliconix BA980-GS18 Datasheet HTML 3Page - Vishay Siliconix BA980-GS18 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85636
Rev. 1.3, 26-Jul-06
BA980
Vishay Semiconductors
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm (Inches): SOD80
Figure 1. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
95 9735
VF - Forward Voltage (V)
Tamb = 25 °C
Scattering Limit
96 12071


Similar Part No. - BA980-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA980-GS08 VISHAY-BA980-GS08 Datasheet
895Kb / 3P
   RF PIN Diode
Rev. 1, 26-Mar-01
More results

Similar Description - BA980-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA980 VISHAY-BA980_10 Datasheet
206Kb / 4P
   RF PIN Diode - Single in QuadroMELF SOD-80
Rev. 1.4, 05-Aug-10
BA980 VISHAY-BA980_V01 Datasheet
93Kb / 3P
   RF PIN Diode - Single in QuadroMELF SOD-80
02-Oct-12
BA679 VISHAY-BA679_08 Datasheet
138Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD80
Rev. 1.6, 12-Sep-06
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
BA979 VISHAY-BA979_10 Datasheet
213Kb / 5P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.5, 05-Aug-10
BAR63V-03W VISHAY-BAR63V-03W Datasheet
131Kb / 5P
   RF PIN Diode - Single in SOT-323
Rev. 1.3, 15-Apr-05
BAR63V-02V VISHAY-BAR63V-02V Datasheet
153Kb / 4P
   RF PIN Diode - Single in SOD-523
Rev. 1.5, 29-Jun-05
BAR63V-03 VISHAY-BAR63V-03 Datasheet
117Kb / 5P
   RF PIN Diode - Single in SOT-23
Rev. 1.4, 15-Apr-05
S391D VISHAY-S391D_10 Datasheet
107Kb / 4P
   RF PIN Diode - Single in MiniMELF SOD-80
Rev. 1.6, 16-Jul-10
S391D VISHAY-S391D_06 Datasheet
78Kb / 4P
   RF PIN Diode - Single in MiniMELF SOD-80
Rev. 1.5, 16-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com