Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300HF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 300HF
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300HF Datasheet(HTML) 5 Page - Vishay Siliconix

  300HF Datasheet HTML 1Page - Vishay Siliconix 300HF Datasheet HTML 2Page - Vishay Siliconix 300HF Datasheet HTML 3Page - Vishay Siliconix 300HF Datasheet HTML 4Page - Vishay Siliconix 300HF Datasheet HTML 5Page - Vishay Siliconix 300HF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93507
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 02-Jun-08
5
300HF..L Series
Standard Recovery Diodes
(Stud Version), 300 A
Vishay High Power Products
ORDERING INFORMATION TABLE
Device code
5
13
24
67
300
HF
40
P
V
L
1
1
-
Current rating (300 = 300 A)
2
-
Diode diffused
3
-
Voltage ratings
4
-
P = 3/4 UNF
M = Metric M16 x 1.5
5
-
Glass-metal seal
6
-
L = Low VF
7
-
1 = Lead 150 mm
2 = Lead 200 mm
Note: For “M” type contact factory
40 = 400 V
60 = 600 V
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95341


Similar Part No. - 300HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300HF IRF-300HF Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
300HF IRF-300HF Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
300HF120M IRF-300HF120M Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
300HF120MB IRF-300HF120MB Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
300HF120MS IRF-300HF120MS Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - 300HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300U VISHAY-300U_12 Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com