Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400U Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 400U
Description  Standard Recovery Diodes (Stud Version), 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400U Datasheet(HTML) 5 Page - Vishay Siliconix

  400U Datasheet HTML 1Page - Vishay Siliconix 400U Datasheet HTML 2Page - Vishay Siliconix 400U Datasheet HTML 3Page - Vishay Siliconix 400U Datasheet HTML 4Page - Vishay Siliconix 400U Datasheet HTML 5Page - Vishay Siliconix 400U Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93510
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Jun-08
5
400U(R) Series
Standard Recovery Diodes
(Stud Version), 400 A
Vishay High Power Products
ORDERING INFORMATION TABLE
Device code
5
13
24
6
40
0
U
R
160
D
1
-
40 = Essential part number
2
-
0 = Standard recovery device
3
-
U = Stud normal polarity (cathode to stud)
5
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
6
-
Diffused diode
Note: For metric device M16 x 1.5 contact factory
4
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95339


Similar Part No. - 400U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400U VISHAY-400U Datasheet
116Kb / 7P
   Standard Recovery Diodes
Revision: 23-Jun-08
logo
Naina Semiconductor ltd...
400U10 NAINA-400U10 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400U100 NAINA-400U100 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400U120 NAINA-400U120 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
Vishay Siliconix
400U120 VISHAY-400U120 Datasheet
116Kb / 7P
   Standard Recovery Diodes
Revision: 23-Jun-08
More results

Similar Description - 400U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 25-Nov-13
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com