Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

307UA160 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 307UA160
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

307UA160 Datasheet(HTML) 2 Page - Vishay Siliconix

  307UA160 Datasheet HTML 1Page - Vishay Siliconix 307UA160 Datasheet HTML 2Page - Vishay Siliconix 307UA160 Datasheet HTML 3Page - Vishay Siliconix 307UA160 Datasheet HTML 4Page - Vishay Siliconix 307UA160 Datasheet HTML 5Page - Vishay Siliconix 307UA160 Datasheet HTML 6Page - Vishay Siliconix 307UA160 Datasheet HTML 7Page - Vishay Siliconix 307UA160 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93509
2
Revision: 23-Jun-08
301U(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 300 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
301U(R)
UNITS
160 TO 200
250
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
330
300
A
120
120
°C
Maximum RMS forward current
IF(RMS)
DC at TC = 115 °C (up to 2000 V), TC = 102 °C (2500 V)
520
470
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
8250
6050
A
t = 8.3 ms
8640
6335
t = 10 ms
100 % VRRM
reapplied
6940
5090
t = 8.3 ms
7270
5330
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
340
183
kA2s
t = 8.3 ms
311
167
t = 10 ms
100 % VRRM
reapplied
241
129
t = 8.3 ms
220
118
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3400
1830
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.77
0.90
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.84
0.97
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.49
0.59
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.49
0.55
Maximum forward voltage drop
VFM
Ipk = 942 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave
1.22
1.46
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 180
°C
Maximum storage
temperature range
TStg
- 40 to 200
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.14
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.08
Maximum allowed mounting torque
+ 0 - 20 %
Not lubricated threads
37
N · m
Lubricated threads
28
Weight
301U
250 ± 5
g
303U
152 ± 5
305U
177 ± 5
307U
197 ± 5
309U
160 ± 5
Case style
See dimensions - link at the end of datasheet
DO-205AB (DO-9)


Similar Part No. - 307UA160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
307UA160 IRF-307UA160 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 307UA160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
300U VISHAY-300U_12 Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com