Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400U80D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 400U80D
Description  Standard Recovery Diodes (Stud Version), 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400U80D Datasheet(HTML) 2 Page - Vishay Siliconix

  400U80D Datasheet HTML 1Page - Vishay Siliconix 400U80D Datasheet HTML 2Page - Vishay Siliconix 400U80D Datasheet HTML 3Page - Vishay Siliconix 400U80D Datasheet HTML 4Page - Vishay Siliconix 400U80D Datasheet HTML 5Page - Vishay Siliconix 400U80D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93510
2
Revision: 23-Jun-08
400U(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 400 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
400
A
120
°C
Maximum RMS forward current
IF(RMS)
DC at 110 °C case temperature
630
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
8250
A
t = 8.3 ms
8640
t = 10 ms
100 % VRRM
reapplied
6940
t = 8.3 ms
7270
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
340
kA2s
t = 8.3 ms
311
t = 10 ms
100 % VRRM
reapplied
241
t = 8.3 ms
220
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3400
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.77
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.85
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.49
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.49
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave
1.62
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
- 40 to 200
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.15
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.04
Maximum allowed mounting torque
± 10 %
Not lubricated threads
27
N · m
Approximate weight
250
g
Case style
See dimensions - link at the end of datasheet
DO-205AB (DO-9)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.020
0.013
TJ = TJ maximum
K/W
120°
0.023
0.023
90°
0.029
0.031
60°
0.042
0.044
30°
0.073
0.074


Similar Part No. - 400U80D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
400U80D IRF-400U80D Datasheet
98Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
400U80D VISHAY-400U80D Datasheet
116Kb / 7P
   Standard Recovery Diodes
Revision: 23-Jun-08
More results

Similar Description - 400U80D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 25-Nov-13
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com