Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

298D156X06R3M2T Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 298D156X06R3M2T
Description  Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

298D156X06R3M2T Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 298D156X06R3M2T Datasheet HTML 3Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 4Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 5Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 6Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 7Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 8Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 9Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 10Page - Vishay Siliconix 298D156X06R3M2T Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
298D
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANLeadframeless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40065
44
Revision: 01-Sep-08
PLASTIC TAPE AND REEL PACKAGING in inches [millimeters]
Note:
Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
0.004 [0.1]
MAX.
K 0
Tape Thickness
B1 MAX.
(Note 6)
0.014
[0.35]
MAX.
10 Pitches Cumulative
Tolerance on T ape
± 0.008 [0.200]
Embossment
0.069 ± 0.004
[1.75 ± 0.10]
D MIN. For Components
0.079 x 0.047 [2.0 x 1.2] and Larger
.
(Note 5)
1
Maximum
Cavity Size
(Note 1)
USER DIRECTION OF FEED
Center Lines
of Cavity
A
P1
0
F
W
0.030 [0.75]
MIN.(Note 4)
0.030 [0.75]
MIN.(Note 3)
0.079 ± 0.002
[2.0 ± 0.05]
0.157 ± 0.004
[4.0 ± 0.10]
0.059 + 0.004 - 0.0
[1.5 + 0.10 - 0.0]
B0
Maximum
Component
Rotation
(Side or Front Sectional Vie w )
20°
0
For Tape Feeder
Reference only
including draft.
Concentric around B
(Note 5)
Deformation
Between
Embossments
Top
Cover
Tape
Top
Cover
Tape
Cathode (-)
Anode (+)
Direction of Feet
20° Maximum
Component Rotation
Typical
Component
Cavity
Center Line
A0
(Top View)
Typical
Component
Center Line
B0
0.9843 [250.0]
Tape
3.937 [100.0]
0.039 [1.0]
MAX.
0.039 [1.0]
MAX.
Camber
(Top View)
Allo wable Camber to be 0.039/3.937 [1/100]
Non-Cumulative Over 9.843 [250.0]
Tape and Reel Specifications: All case sizes are available on
plastic embossed tape per EIA-481-1. Tape reeling per IEC 286-3
is also available. Standard reel diameter is 7" [178 mm],
13" [330 mm] reels are available and recommended as the most
cost effective packaging method.
The most efficient packaging quantities are full reel increments on
a given reel diameter. The quantities shown allow for the sealed
empty pockets required to be in conformance with EIA-481-1. Reel
size and packaging orientation must be specified in the Vishay
Sprague part number.
CASE
CODE
TAPE
SIZE
B1
(MAX.)
D1
(MIN.)
F
K0
(MAX.)
P1
W
298D
P8 mm
0.108
[2.75]
0.039
[1.0]
0.138 ± 0.002
[3.5 ± 0.05]
0.054
[1.37]
0.157 ± 0.004
[4.0 ± 1.0]
0.315 ± 0.0118/- 0.0039
[8.0 ± 0.30/- 0.10]


Similar Part No. - 298D156X06R3M2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D156X0010M2T VISHAY-298D156X0010M2T Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
More results

Similar Description - 298D156X06R3M2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com