Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219713151E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL219713151E3
Description  Aluminum Capacitors Power General Purpose Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219713151E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL219713151E3 Datasheet HTML 1Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 2Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 3Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 4Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 5Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 6Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 7Page - Vishay Siliconix MAL219713151E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors
Power General Purpose Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28343
68
Revision: 18-Aug-08
200
150
22 x 25
1.06
0.60
1.11
12151E3
180
22 x 25
1.15
0.72
0.92
12181E3
220
22 x 25
1.24
0.88
0.75
12221E3
270
22 x 25
1.34
1.08
0.61
12271E3
330
22 x 30
1.58
1.32
0.50
12331E3
330
25 x 25
1.53
1.32
0.50
22331E3
390
25 x 25
1.59
1.50
0.45
22391E3
470
22 x 35
1.92
1.50
0.35
12471E3
470
25 x 30
1.92
1.50
0.35
22471E3
470
30 x 25
1.86
1.50
0.38
32471E3
560
25 x 35
2.16
1.50
0.30
22561E3
560
30 x 25
1.90
1.50
0.34
32561E3
680
25 x 40
2.44
1.50
0.24
22681E3
680
30 x 30
2.28
1.50
0.27
32681E3
820
30 x 35
2.55
1.50
0.24
32821E3
820
35 x 30
2.52
1.50
0.26
42821E3
1000
30 x 40
2.84
1.50
0.20
22102E3
1000
35 x 35
2.79
1.50
0.22
32102E3
1200
30 x 45
3.16
1.50
0.17
12122E3
1200
35 x 35
2.77
1.50
0.21
22122E3
1500
35 x 50
3.72
1.50
0.15
22152E3
2200
35 x 50
3.70
1.50
0.11
12222E3
250
150
22 x 25
1.07
0.75
1.11
13151E3
180
22 x 25
1.16
0.90
0.92
13181E3
220
22 x 30
1.36
1.10
0.75
13221E3
220
25 x 25
1.34
1.10
0.75
23221E3
270
22 x 30
1.47
1.35
0.61
13271E3
270
25 x 25
1.42
1.35
0.61
23271E3
330
22 x 35
1.70
1.50
0.50
13331E3
330
25 x 30
1.71
1.50
0.50
23331E3
330
30 x 25
1.68
1.50
0.50
33331E3
390
22 x 40
1.92
1.50
0.43
13391E3
390
25 x 35
1.92
1.50
0.43
23391E3
390
30 x 25
1.74
1.50
0.43
33391E3
470
25 x 40
2.17
1.50
0.35
23471E3
470
30 x 30
2.07
1.50
0.35
33471E3
560
25 x 40
2.28
1.50
0.27
53561E3
560
30 x 35
2.32
1.50
0.30
33561E3
680
25 x 50
2.73
1.50
0.24
13681E3
680
30 x 40
2.60
1.50
0.24
23681E3
680
35 x 30
2.36
1.50
0.27
33681E3
820
30 x 45
2.90
1.50
0.20
13821E3
820
35 x 35
2.61
1.50
0.24
23821E3
1000
30 x 50
3.21
1.50
0.17
13102E3
1000
35 x 40
2.89
1.50
0.21
23102E3
1200
35 x 50
3.49
1.50
0.19
13122E3
1500
35 x 50
3.56
1.50
0.19
13152E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L (mm)
IR
120 Hz
85
°C (A)
IL5
5min
(mA)
MAX. ESR
120 (1)
(
Ω)
ORDERING CODE
MAL2197.......


Similar Part No. - MAL219713151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219713151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI_17 Datasheet
115Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 10-Jan-17
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com