Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205157472E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL205157472E3
Description  Aluminum Capacitors Power Economic Printed Wiring
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205157472E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL205157472E3 Datasheet HTML 1Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 2Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 3Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 4Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 5Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 6Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 7Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 8Page - Vishay Siliconix MAL205157472E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors
Power Economic Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346
4
Revision: 14-Aug-08
.
Note
1. Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Tamb =20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 051 series
10 000 µF/25 V; ± 20 %
Nominal case size: Ø 30 mm x 40 mm
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz,
85 °C or at 20 kHz, 70 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 051 56103 E3
Former 12NC:
2222 051 56103
ELECTRICAL DATA AND ORDERING INFORMATION 051 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1MIN.
(mA)
IL5
5MIN.
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2051......
10
10 000
25 x 30
3.1
5.9
0.60
0.20
51
40
54103E3
15 000
25 x 40
4.1
7.8
0.90
0.30
37
30
54153E3
22 000
30 x 40
5.0
9.5
1.32
0.44
30
25
54223E3
33 000
35 x 40
5.5
10.4
1.98
0.66
28
24
54333E3
47 000
35 x 50
6.8
12.9
2.82
0.94
23
20
54473E3
47 000
40 x 40
5.8
10.4
2.82
0.94
29
22
44473E3
68 000
40 x 50
7.1
13.5
4.08
1.36
24
20
54683E3
100 000
40 x 70
9.2
17.4
6.00
2.00
19
16
54104E3
150 000
40 x 100
12.0
22.7
9.00
3.00
16
14
54154E3
16
6800
25 x 30
3.1
5.9
0.65
0.22
53
42
55682E3
10 000
25 x 40
4.0
7.6
0.96
0.32
39
34
55103E3
15 000
30 x 40
5.0
9.5
1.44
0.48
31
27
55153E3
22 000
35 x 40
5.5
10.4
2.12
0.71
29
26
55223E3
33 000
35 x 50
6.7
12.7
3.17
1.06
23
21
55333E3
33 000
40 x 40
5.7
10.8
3.17
1.06
30
24
45333E3
47 000
40 x 50
7.0
13.3
4.52
1.51
24
20
55473E3
68 000
40 x 70
9.2
17.4
6.53
2.18
19
16
55683E3
100 000
40 x 100
12.0
22.7
9.60
3.20
16
14
55104E3
25
4700
25 x 30
2.9
5.5
0.71
0.24
60
42
56472E3
6800
25 x 40
3.9
7.4
1.02
0.34
42
34
56682E3
10 000
30 x 40
4.8
9.1
1.50
0.50
34
27
56103E3
15 000
35 x 40
5.3
10.0
2.25
0.75
30
26
56153E3
22 000
35 x 50
6.5
12.3
3.30
1.10
24
21
56223E3
22 000
40 x 40
5.7
10.8
3.30
1.10
31
24
46223E3
33 000
40 x 50
7.0
13.3
4.95
1.65
25
20
56333E3
47 000
40 x 70
9.2
17.4
7.05
2.35
19
16
56473E3
68 000
40 x 100
12.0
22.7
10.20
3.40
16
14
56683E3
40
3300
25 x 30
2.9
5.5
0.80
0.27
87
63
57332E3
4700
25 x 40
3.8
7.2
1.13
0.38
62
47
57472E3
6800
30 x 40
4.7
8.9
1.64
0.55
49
38
57682E3
10 000
35 x 40
5.2
9.8
2.40
0.80
48
37
57103E3
15 000
35 x 50
6.3
11.9
3.60
1.20
37
28
57153E3
15 000
40 x 40
5.6
10.6
3.60
1.20
50
35
47153E3
22 000
40 x 50
5.8
11.0
5.28
1.76
39
28
57223E3
33 000
40 x 70
7.8
14.8
7.92
2.64
28
21
57333E3
47 000
40 x 100
10.4
19.7
11.28
3.76
22
17
57473E3


Similar Part No. - MAL205157472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205157472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com