Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550D337X0006S2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 550D337X0006S2
Description  Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D337X0006S2 Datasheet(HTML) 7 Page - Vishay Siliconix

  550D337X0006S2 Datasheet HTML 1Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 2Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 3Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 4Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 5Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 6Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 7Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 8Page - Vishay Siliconix 550D337X0006S2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
550D
Vishay Sprague
Solid-Electrolyte TANTALEX® Capacitors
for High Frequency Power Supplies
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 40017
7
Revision: 28-Aug-08
PERFORMANCE CHARACTERISTICS (Continued)
12.1.1 Test equipment shall be adjusted to produce a shock
of 100 g peak with a duration of 6 ms and a sawtooth
waveform at a velocity change of 9.7 ft./s.
12.2
Capacitors shall be subjected to 3 shocks applied in
each of 3 directions corresponding to the 3 mutually
perpendicular axes of the capacitors.
12.3
Rated DC voltage shall be applied to capacitors
during test.
12.3.1 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during test. The AC voltage applied
shall not exceed 2 Vrms.
12.4
Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
12.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
12.6
Following the shock test, capacitors shall meet the
original limits for capacitance, dissipation factor and
leakage current.
13.
Moisture Resistance:
13.1
Capacitors
shall
be
subjected
to
temperature
cycling at 90 % to 98 % relative humidity, in a test
chamber
constructed
of
non-reactive
materials
(non-resiniferous and containing no formaldehyde or
phenol).
Steam
or
distilled,
demineralized
or
deionized water having a pH value between 6.0 and
7.2 at + 23 °C shall be used to obtain the required
humidity. No rust, corrosive contaminants or dripping
condensate shall be imposed on test specimens.
13.1.1 Capacitors shall be mounted by their normal
mounting means in a normal mounting position and
placed in a test chamber so that uniform and thorough
exposure is obtained.
13.1.2 No conditioning or initial measurements will be
performed prior to temperature cycling. Polarization
and load voltages are not applicable.
13.1.3 Capacitors shall be subjected to temperature cycling
from + 25 °C to + 65 °C to + 25 °C (+ 10 °C, - 2 °C)
over a period of 8 h, at 90 % to 98 % relative humidity,
for 20 cycles.
13.1.4 Temperature cycling shall be stopped after an even
number of cycles 5 times during the first 18 cycles,
and the capacitor shall be alloweed to stabilize at high
humidity for 1 to 4 h.
13.1.5 After stabilization, capacitors shall be removed from
the humidity chamber and shall be conditioned for 3 h
at - 10 °C ± 2 °C.
13.1.6 After cold conditioning, capacitors shall be subjected
to vibration cycling consisting of a simple harmonic
vibration having an amplitude of 0.03" (0.76) and a
maximum total excursion of 0.06" (1.52) varied
uniformly from 10 Hz to 55 Hz to 10 Hz over a period
of 1 min, for 15 cycles.
13.1.7 Capacitors shall then be returned to temperature/
humidity cycling.
13.2
After completion of temperature cycling, capacitors
shall be removed from the test chamber and
stabilized at room temperature for 2 to 6 h.
13.3
Capacitors shall show no evidence of harmful or
extensive corrosion, obliteration or marking or other
visible damage.
13.4
Following the moisture resistance test, capacitors
shall meet the original limits for capacitance,
dissipation factor and leakage current.
14.
Insulating Sleeves:
14.1
Capacitors with insulating sleeves shall withstand a
2000 VDC potential applied for 1 min between the
case and a metal “V” block in intimate contact with the
insulating sleeve.
14.2
Capacitors with insulating sleeves shall have the
insulation resistance measured between the case
and a metal “V” block in intimate contact with the
insulating sleeve. The insulation resistance shall be
at least 1000 M
Ω
15.
Thermal Shock And Immersion Cycling:
15.1
Capacitors shall be conditioned prior to temperature
cycling for 15 min at + 25 °C, at less than 50 %
relative humidity and a barometric pressure at 28 to
31".
15.2
Capacitors shall be subjected to thermal shock in a
cycle of exposure to ambient air at
- 65 °C (+ 0 °C, - 5 °C) for 30 min, then,
+ 25 °C (+ 10 °C, - 5 °C) for 5 min, then
+ 125 °C (+ 3 °C, - 0 °C) for 30 min, then
+ 25 °C (+ 10 °C, - 5 °C) for 5 min, for 5 cycles.
15.3
Between 4 and 24 h after temperature cycling,
capacitors shall be subjected to immersion in a bath
of fresh tap water with the non-corrosive dye
Rhodamine B added, at + 65 °C (+ 5 °C, - 0 °C) for
15 min, then, within 3 s, immersed in a saturated
solution
of
sodium
chloride
and
water
with
Rhodamine B added, at a temperature of + 25 °C
(+ 10 °C, - 5 °C) for 15 min, for 2 cycles.
15.3.1 Capacitors shall be thoroughly rinsed and wiped or
air-blasted dry immediately upon removal from
immersion cycling.
15.4
Capacitors shall show no evidence of harmful or
extensive corrosion, obliteration of marking or other
visible damage.


Similar Part No. - 550D337X0006S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D337X0006S2 VISHAY-550D337X0006S2 Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
More results

Similar Description - 550D337X0006S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D VISHAY-550D Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
logo
MERITEK ELECTRONICS COR...
TC105M35B MERITEK-TC105M35B Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com