Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205056332E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL205056332E3
Description  Aluminum Capacitors Power Eurodin Printed Wiring
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205056332E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL205056332E3 Datasheet HTML 2Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 3Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 4Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 5Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 6Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 7Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 8Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 9Page - Vishay Siliconix MAL205056332E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
050/052 PED-PW
Vishay BCcomponents
Aluminum Capacitors
Power Eurodin Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28345
6
Revision: 17-Jun-08
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us =1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH
CAPACITANCE (C)
EQUIVALENT SERIES RESISTANCE (ESR)
Fig.11 Typical multiplier of capacitance as a function
of ambient temperature
- 60
- 40
- 20
0
20
40
60
80
T
amb (°C)
C
0
C
1.2
1.1
1.0
0.9
0.8
0.7
0.6
1
2
3
4
4
3
2
1
Curve 1: 10 V
Curve 2: 25 V
Curve 3: 63 V
Curve 4: 100 V, 250 V, 385 V
C
0 = capacitance at 20 °C, 100 Hz
Fig.12 Typical ESR as a function of temperature
T
amb (°C)
- 50
0
50
100
10
4
10
3
10
2
10
1
ESR
(m
Ω)
1
2
3
4
5
6
7
8
9
ESR at 100 Hz and U
R = 10 V
Curve 1: case Ø D x L = 25 x 30 mm
Curve 2: case Ø D x L = 25 x 40 mm
Curve 3: case Ø D x L = 39 x 40 mm
Curve 4: case Ø D x L = 35 x 40 mm
Curve 5: case Ø D x L = 40 x 40 mm
Curve 6: case Ø D x L = 35 x 50 mm
Curve 7: case Ø D x L = 40 x 50 mm
Curve 8: case Ø D x L = 40 x 70 mm
Curve 9: case Ø D x L = 40 x 100 mm
Fig.13 Typical ESR as a function of temperature
T
amb (°C)
- 50
0
50
100
10
4
10
3
10
2
10
1
ESR
(m
Ω)
1
2
3
4
5
6
7
8
9
Curve 1: case Ø D x L = 25 x 30 mm
Curve 2: case Ø D x L = 25 x 40 mm
Curve 3: case Ø D x L = 39 x 40 mm
Curve 4: case Ø D x L = 35 x 40 mm
Curve 5: case Ø D x L = 40 x 40 mm
Curve 6: case Ø D x L = 35 x 50 mm
Curve 7: case Ø D x L = 40 x 50 mm
Curve 8: case Ø D x L = 40 x 70 mm
Curve 9: case Ø D x L = 40 x 100 mm
ESR at 100 Hz and U
R = 63 V
Fig.14 Typical ESR as a function of temperature
T
amb (°C)
- 50
0
50
100
10
4
10
3
10
2
10
1
ESR
(m
Ω)
1
2
3
4
5
6
7
8
9
Curve 1: case Ø D x L = 25 x 30 mm
Curve 2: case Ø D x L = 25 x 40 mm
Curve 3: case Ø D x L = 39 x 40 mm
Curve 4: case Ø D x L = 35 x 40 mm
Curve 5: case Ø D x L = 40 x 40 mm
Curve 6: case Ø D x L = 35 x 50 mm
Curve 7: case Ø D x L = 40 x 50 mm
Curve 8: case Ø D x L = 40 x 70 mm
Curve 9: case Ø D x L = 40 x 100 mm
ESR at 100 Hz and U
R = 100 V


Similar Part No. - MAL205056332E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205144473E3 VISHAY-MAL205144473E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205145333E3 VISHAY-MAL205145333E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205146223E3 VISHAY-MAL205146223E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205147153E3 VISHAY-MAL205147153E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205148103E3 VISHAY-MAL205148103E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results

Similar Description - MAL205056332E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com