Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR735 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR735
Description  Schottky Rectifier, 7.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR735 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR735 Datasheet HTML 1Page - Vishay Siliconix MBR735 Datasheet HTML 2Page - Vishay Siliconix MBR735 Datasheet HTML 3Page - Vishay Siliconix MBR735 Datasheet HTML 4Page - Vishay Siliconix MBR735 Datasheet HTML 5Page - Vishay Siliconix MBR735 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93456
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 7.5 A
MBR7.. Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• High frequency operation
• Low forward voltage drop
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for industrial level
DESCRIPTION
The MBR7.. Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
7.5 A
VR
35 to 45 V
IRM
15 mA at 125 °C
Anode
1
3
Cathode
TO-220AC
Base
cathode
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
7.5
A
VRRM
35 to 45
V
IFSM
tp = 5 µs sine
690
A
VF
7.5 Apk, TJ = 125 °C
0.57
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBR735
MBR745
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 131 °C, rated VR
7.5
A
Non-repetitive peak surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
690
A
Surge applied at rated load condition half wave
single phase 60 Hz
150
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 3.5 mH
7
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - MBR735

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR735 MOTOROLA-MBR735 Datasheet
77Kb / 4P
   SWITCHMODE??Power Rectifier
logo
Micro Commercial Compon...
MBR735 MCC-MBR735 Datasheet
200Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
SynSemi, Inc.
MBR735 SYNSEMI-MBR735 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Kersemi Electronic Co.,...
MBR735 KERSEMI-MBR735 Datasheet
845Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
Fairchild Semiconductor
MBR735 FAIRCHILD-MBR735 Datasheet
35Kb / 3P
   7.5 Ampere Schottky Barrier Rectifiers
More results

Similar Description - MBR735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 22-Aug-08
VS-MBRB745PBF VISHAY-VS-MBRB745PBF Datasheet
146Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
MBRB735PBF VISHAY-MBRB735PBF_10 Datasheet
102Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
VS-MBR7PBF VISHAY-VS-MBR7PBF_V01 Datasheet
127Kb / 7P
   Schottky Rectifier, 7.5 A
08-Feb-17
VS-MBR7PBF VISHAY-VS-MBR7PBF Datasheet
154Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
MBR735PBF VISHAY-MBR735PBF_12 Datasheet
153Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
logo
Nell Semiconductor Co.,...
MBR745 NELLSEMI-MBR745 Datasheet
245Kb / 5P
   Schottky Rectifier, 7.5 A
logo
Vishay Siliconix
MBRB735PBF VISHAY-MBRB735PBF Datasheet
101Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 20-Aug-08
MBR745PBF VISHAY-MBR745PBF Datasheet
445Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 20-Aug-08
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com