Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D10716R3V2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 293D10716R3V2
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D10716R3V2 Datasheet(HTML) 4 Page - Vishay Siliconix

  293D10716R3V2 Datasheet HTML 1Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 2Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 3Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 4Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 5Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 6Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 7Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 8Page - Vishay Siliconix 293D10716R3V2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40002
44
Revision: 05-May-08
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Standard Industrial Grade
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
47
D
293D476(1)6R3D(2)
2.8
6
0.8
0.43
68
B
293D686(1)6R3B(2)
4.1
6
1.8
0.22
68
C
293D686(1)6R3C(2)
4.1
6
0.8
0.37
68
D
293D686(1)6R3D(2)
4.1
6
0.7
0.46
100
B
293D107(1)6R3B(2)
6.0
15
1.7
0.22
100
C
293D107(1)6R3C(2)
6.0
6
0.8
0.37
100
D
293D107(1)6R3D(2)
6.0
6
0.7
0.46
100
V
293D107(1)6R3V(2)
6.0
8
0.7
0.42
150
C
293D157(1)6R3C(2)
9.0
8
0.7
0.40
150
D
293D157(1)6R3D(2)
9.0
8
0.6
0.50
150
E
293D157(1)6R3E(2)
9.0
8
0.5
0.57
220
C
293D227(1)6R3C(2)
13.9
14
0.7
0.39
220
D
293D227(1)6R3D(2)
13.2
8
0.6
0.50
220
E
293D227(1)6R3E(2)
13.2
8
0.5
0.57
330
D
293D337(1)6R3D(2)
19.8
8
0.6
0.50
330
E
293D337(1)6R3E(2)
19.8
8
0.5
0.57
470
D
293D477X06R3D(2)
28.2
14
0.5
0.55
470
E
293D477(1)6R3E(2)
28.2
10
0.5
0.57
680
E
293D687X06R3E(2)
42.8
20
0.5
0.57
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
1.5
A
293D155(1)010A(2)
0.5
6
8.0
0.10
2.2
A
293D225(1)010A(2)
0.5
6
6.3
0.11
3.3
A
293D335(1)010A(2)
0.5
6
5.5
0.12
4.7
A
293D475(1)010A(2)
0.5
6
5.0
0.12
4.7
B
293D475(1)010B(2)
0.5
6
3.4
0.16
6.8
A
293D685(1)010A(2)
0.7
6
4.2
0.13
6.8
B
293D685(1)010B(2)
0.7
6
2.9
0.17
10
A
293D106(1)010A(2)
1.0
6
3.4
0.15
10
B
293D106(1)010B(2)
1.0
6
2.5
0.18
10
C
293D106(1)010C(2)
1.0
6
1.8
0.25
15
A
293D156(1)010A(2)
1.5
6
2.9
0.16
15
B
293D156(1)010B(2)
1.5
6
2.0
0.21
15
C
293D156(1)010C(2)
1.5
6
1.8
0.25
22
A
293D226(1)010A(2)
2.2
8
2.5
0.17
22
B
293D226(1)010B(2)
2.2
6
1.9
0.21
22
C
293D226(1)010C(2)
2.2
6
1.5
0.27
33
B
293D336(1)010B(2)
3.3
6
1.9
0.21
33
C
293D336(1)010C(2)
3.3
6
1.4
0.28
33
D
293D336(1)010D(2)
3.3
6
0.8
0.43
47
B
293D476(1)010B(2)
4.7
6
1.8
0.22
47
C
293D476(1)010C(2)
4.7
6
1.1
0.32
47
D
293D476(1)010D(2)
4.7
6
0.7
0.46
68
B
293D686(1)010B(2)
6.8
14
1.8
0.22
68
C
293D686(1)010C(2)
6.8
6
1.0
0.33
68
D
293D686(1)010D(2)
6.8
6
0.7
0.46
68
V
293D686(1)010V(2)
6.8
6
0.7
0.42
Notes:
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - 293D10716R3V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D10716R3V2 VISHAY-293D10716R3V2 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results

Similar Description - 293D10716R3V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
293D156X9020D2T VISHAY-293D156X9020D2T Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com