Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195D107X_004H2T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 195D107X_004H2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D107X_004H2T Datasheet(HTML) 1 Page - Vishay Siliconix

  195D107X_004H2T Datasheet HTML 1Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 2Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 3Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 4Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 5Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 6Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 7Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 8Page - Vishay Siliconix 195D107X_004H2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40011
110
Revision: 05-May-08
195D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
FEATURES
• 8 mm, 12 mm tape packaging to EIA-481-1
reeling per IEC 286-3. 7’ (178 mm) standard 13"
(330 mm) available
US and European case sizes available
Capacitance Range: 0.1 µF to 330 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 2 WVDC to 50 WVDC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Note: Refer to Doc 40088
ORDERING INFORMATION
195D
106
X0
004
S
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION
PACKAGING
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
(Special Order)
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
See Ratings
and Case
Codes Table
Style 2 is
standard
2 = 100 % Tin
4 = Gold Plated
8 = Solder
Plated (60/40)
Special Order
T = Tape and Reel
7" [178 mm] Reel
standard
1/2" Reel minimum
13" [330] Reel
available excluding
the “R” case, on
request.
See Tape and Reel
Specifications.
DIMENSIONS in inches [millimeters]
CASE
CODE
EIA
SIZE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
C
N / A
0.087
[2.21]
0.045 ± 0.010 [1.14 ± 0.25]
0.045 ± 0.010
[1.14 ± 0.25]
0.016 ± 0.008
[0.40 ± 0.20]
0.042 ± 0.010
[1.07 ± 0.25]
0.063
[1.60]
0.004
[0.10]
R
7257
0.283
[7.2]
0.235 + 0.012/- 0.024
[6.0 + 0.3/- 0.6]
0.136 ± 0.012
[3.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.20]
0.004
[0.10]
S
3518
0.143
[3.63]
0.072 ± 0.008 [1.83 ± 0.20]
0.048 ± 0.008
[1.22 ± 0.20]
0.023 ± 0.010
[0.58 ± 0.25]
0.085 ± 0.015
[2.16 ± 0.37]
0.115
[2.90]
0.004
[0.10]
V
3527
0.143
[3.63]
0.104 ± 0.010 [2.65 ± 0.25]
0.051 ± 0.010
[1.30 ± 0.25]
0.023 ± 0.010
[0.58 ± 0.25]
0.085 ± 0.015
[2.16 ± 0.37]
0.115
[2.90]
0.004
[0.10]
X
7227
0.285
[7.24]
0.104 ± 0.010 [2.65 ± 0.25]
0.051 ± 0.010
[1.30 ± 0.25]
0.040 ± 0.020
[1.00 ± 0.50]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.20]
0.004
[0.10]
Y
7227
0.285
[7.24]
0.104 ± 0.010 [2.65 ± 0.25]
0.069 ± 0.010
[1.75 ± 0.25]
0.040 ± 0.020
[1.00 ± 0.50]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.20]
0.004
[0.10]
Z
7227
0.285
[7.24]
0.104 ± 0.010 [2.65 ± 0.25]
0.104 ± 0.010
[2.65 ± 0.25]
0.040 ± 0.020
[1.00 ± 0.50]
0.200 ± 0.023
[5.08 ± 0.59]
0.243
[6.20]
0.004
[0.10]
Note: The anode termination (D less B) will be a minimum of 0.010 (0.25), C Case = 0.005 (0.131) minimum
L
A
B
D
MAX.
REF.
W
J
J
H
MAX.
MAX.
Tantalum Wire
Nib Identifies
Anode (+)
Terminal
Available
Pb-free
RoHS*
COMPLIANT
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same
case size. Voltage substitutions will be marked with the higher voltage rating.
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 195D107X_004H2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D104X-050C2T VISHAY-195D104X-050C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D105X-016C2T VISHAY-195D105X-016C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X0004S2T VISHAY-195D106X0004S2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X0004S2T VISHAY-195D106X0004S2T Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
195D106X0004S2W VISHAY-195D106X0004S2W Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
More results

Similar Description - 195D107X_004H2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com