Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205018153E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL205018153E3
Description  Aluminum Capacitors Power Eurodin Printed Wiring
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205018153E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL205018153E3 Datasheet HTML 1Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 2Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 3Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 4Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 5Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 6Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 7Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 8Page - Vishay Siliconix MAL205018153E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
050/052 PED-PW
Vishay BCcomponents
Aluminum Capacitors
Power Eurodin Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28345
4
Revision: 17-Jun-08
Note
1. Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 050 series
10 000 µF/25 V; - 10/+ 30 %
Nominal case size: Ø 35 x 50 mm; PW version
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz,
85 °C or at 20 kHz, 70 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 050 56103 E3
Former 12NC: 2222 050 56103
ELECTRICAL DATA AND ORDERING INFORMATION FOR 050 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING
CODE SL
MAL2050.......
ORDERING
CODE PW
MAL2050.......
10
4700
25
× 30
2.4
4.6
0.28
0.10
74
50
14472E3
54472E3
6800
25 x 40
3.2
6.1
0.41
0.14
51
37
14682E3
54682E3
10 000
30 x 40
3.8
7.2
0.60
0.20
39
29
14103E3
54103E3
15 000
35 x 40
4.1
7.8
0.90
0.30
35
26
14153E3
54153E3
22 000
35 x 50
5.0
9.5
1.32
0.44
27
21
14223E3
54223E3
22 000
40 x 40
4.2
8.0
1.32
0.44
36
27
not available
44223E3
33 000
40 x 50
5.0
9.5
1.98
0.66
29
22
14333E3
54333E3
47 000
40 x 70
6.8
12.9
2.82
0.94
20
17
14473E3
54473E3
68 000
40 x 100
9.2
17.5
4.08
1.36
15
14
14683E3
54683E3
16
3300
25 x 30
2.4
4.6
0.32
0.11
75
50
15332E3
55332E3
4700
25 x 40
3.1
5.9
0.45
0.15
52
37
15472E3
55472E3
6800
30 x 40
3.7
7.0
0.65
0.22
40
30
15682E3
55682E3
10 000
35 x 40
4.1
7.8
0.96
0.32
36
27
15103E3
55103E3
15 000
35 x 50
5.0
9.5
1.44
0.48
28
21
15153E3
55153E3
15 000
40 x 40
4.2
8.0
1.44
0.48
36
27
not available
45153E3
22 000
40 x 50
5.0
9.5
2.12
0.71
29
22
15223E3
55223E3
33 000
40 x 70
6.7
12.7
3.17
1.06
20
17
15333E3
55333E3
47 000
40 x 100
9.1
17.3
4.51
1.51
15
14
15473E3
55473E3
25
2200
25 x 30
2.3
4.4
0.33
0.11
78
52
16222E3
56222E3
3300
25 x 40
3.1
5.9
0.49
0.17
53
38
16332E3
56332E3
4700
30 x 40
3.7
7.0
0.70
0.24
42
31
16472E3
56472E3
6800
35 x 40
4.1
7.8
1.02
0.34
37
28
16682E3
56682E3
10 000
35 x 50
5.0
9.5
1.50
0.50
28
21
16103E3
56103E3
10 000
40 x 40
4.2
8.0
1.50
0.50
36
27
not available
46103E3
15 000
40 x 50
5.0
9.5
2.25
0.75
29
22
16153E3
56153E3
22 000
40 x 70
6.8
12.9
3.30
1.10
20
17
16223E3
56223E3
33 000
40 x 100
9.2
17.5
4.95
1.65
15
14
16333E3
56333E3
1500
25 x 30
2.0
3.8
0.36
0.12
112
68
17152E3
57152E3
2200
25 x 40
2.7
5.1
0.53
0.18
76
51
17222E3
57222E3
3300
30 x 40
3.3
6.3
0.79
0.27
57
41
17332E3
57332E3
4700
35 x 40
3.8
7.2
1.13
0.38
48
35
17472E3
57472E3
40
6800
35 x 50
4.7
8.9
1.64
0.55
36
27
17682E3
57682E3
6800
40 x 40
4.1
7.8
1.64
0.55
45
33
not available
47682E3
10 000
40 x 50
4.9
9.3
2.40
0.80
35
27
17103E3
57103E3
15 000
40 x 70
6.6
12.5
3.60
1.20
25
20
17153E3
57153E3
22 000
40 x 100
9.0
17.1
5.28
1.76
18
16
17223E3
57223E3


Similar Part No. - MAL205018153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205144473E3 VISHAY-MAL205144473E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205145333E3 VISHAY-MAL205145333E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205146223E3 VISHAY-MAL205146223E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205147153E3 VISHAY-MAL205147153E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205148103E3 VISHAY-MAL205148103E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results

Similar Description - MAL205018153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com