Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D1061010C2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 293D1061010C2
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D1061010C2 Datasheet(HTML) 2 Page - Vishay Siliconix

  293D1061010C2 Datasheet HTML 1Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 2Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 3Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 4Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 5Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 6Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 7Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 8Page - Vishay Siliconix 293D1061010C2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40002
42
Revision: 05-May-08
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Standard Industrial Grade
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
A
A
0.15
A
A/B
0.22
A
A/B
0.33
A
A/B
0.47
A
A/B
A/B/C
0.68
A
A
A/B
B/C
1.0
A
A
A/B
A/B
B/C
1.5
A
A
A
A/B
B/C
B/C
2.2
A
A
A/B
A/B
A/B
B/C
C/D
3.3
A
A
A
A/B
A/B
A/B/C
B/C
C/D
4.7
A
A/B
A/B
A/B
A/B/C
A/B/C
B/C/D
D
6.8
A
A/B
A/B
A/B/C
A/B/C
B/C
C/D
D/E
10
A/B
A/B/C
A/B/C
A/B/C
B/C
B/C/D
C/D
D/E
15
A/B
A/B/C
A/B/C
B/C
B/C/D
B/C/D
D/E
22
A/BC
A/B/C
A/B/C
B/C/D
B/C/D
C/D/V
D/E
33
A/B/C
A/B/C
B/C/D
B/C/D
C/D
D/E
47
A/B/C
A/B/C/D
B/C/D
C/D
D/E
D/E
68
B/C/D
B/C/D
B/C/D/V
D
D/E
100
A/B/C/D
B/C/D/V
C/D/V
D/E
E
150
B/C/D
C/D/E
D/E
D/E
220
B/C/D/E
C/D/E
D/E
E
330
D/E
D/E
D/E
470
D/E
D/E
E
680
E
E
1000
E
Note:
• Preliminary values, contact factory for availability.
MARKING
“A” CASE VOLTAGE CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking:
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
Capacitance Code,
pF
Indicates
Lead (Pb)-free
Vishay
Sprague
Logo
Polarity Band (+)
Voltage
Code
V
104L
“A” Case Size
Date Code
Vishay
Sprague
Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance
µF
Polarity
Band (+)
22
10L
XX
2
“B, C, D, E, V” Case Sizes


Similar Part No. - 293D1061010C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D1061010C2 VISHAY-293D1061010C2 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
293D1061010C2 VISHAY-293D1061010C2 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D1061010C2 VISHAY-293D1061010C2 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
More results

Similar Description - 293D1061010C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
293D156X9020D2T VISHAY-293D156X9020D2T Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com