Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219956181E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL219956181E3
Description  Aluminum Capacitors Power Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219956181E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL219956181E3 Datasheet HTML 1Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 2Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 3Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 4Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 5Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 6Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 7Page - Vishay Siliconix MAL219956181E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28363
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
99
199 PEL-SI
Aluminum Capacitors
Power Economy Long Life Snap-In
Vishay BCcomponents
160
1000
35 x 30
1.82
1.50
0.25
157
31102E3
1200
25 x 50
2.24
1.50
0.14
105
51122E3
1200
30 x 40
2.06
1.50
0.21
124
41122E3
1200
35 x 30
1.81
1.50
0.21
152
31122E3
1500
30 x 45
2.30
1.50
0.11
106
51152E3
1500
35 x 35
1.97
1.50
0.17
134
41152E3
1800
30 x 50
2.51
1.50
0.09
92
51182E3
1800
35 x 45
2.45
1.50
0.14
102
41182E3
2200
35 x 50
2.66
1.50
0.11
90
51222E3
200
330
22 x 35
1.19
1.32
0.50
241
42331E3
390
22 x 35
1.27
1.50
0.43
212
42391E3
390
25 x 30
1.27
1.50
0.43
219
52391E3
470
30 x 25
1.28
1.50
0.35
231
52471E3
560
30 x 30
1.53
1.50
0.30
180
52561E3
680
30 x 30
1.57
1.50
0.24
167
52681E3
680
35 x 25
1.36
1.50
0.37
225
62681E3
820
25 x 50
2.04
1.50
0.20
115
32821E3
820
30 x 35
1.75
1.50
0.20
146
42821E3
820
35 x 30
1.72
1.50
0.30
160
52821E3
1000
30 x 45
2.14
1.50
0.17
113
42102E3
1000
35 x 35
1.90
1.50
0.25
140
52102E3
1200
30 x 50
2.36
1.50
0.14
98
42122E3
1500
35 x 45
2.31
1.50
0.17
104
52152E3
1800
35 x 50
2.52
1.50
0.14
92
52182E3
220
22 x 30
1.14
1.10
0.75
294
43221E3
220
25 x 25
0.94
1.10
0.75
317
53221E3
270
22 x 35
1.11
1.35
0.61
240
43271E3
270
25 x 30
1.12
1.35
0.61
247
53271E3
270
30 x 25
1.11
1.35
0.61
274
63271E3
330
22 x 40
1.27
1.50
0.50
199
33331E3
330
25 x 30
1.20
1.50
0.50
216
43331E3
330
30 x 25
1.17
1.50
0.50
250
53331E3
390
25 x 35
1.35
1.50
0.43
186
43391E3
390
30 x 30
1.38
1.50
0.43
196
53391E3
470
25 x 40
1.52
1.50
0.35
158
33471E3
470
30 x 30
1.43
1.50
0.35
181
43471E3
250
470
35 x 25
1.28
1.50
0.53
240
53471E3
560
30 x 35
1.60
1.50
0.30
158
53561E3
560
35 x 30
1.59
1.50
0.44
172
63561E3
680
30 x 40
1.79
1.50
0.24
135
43681E3
680
35 x 35
1.76
1.50
0.37
150
53682E3
820
30 x 45
2.00
1.50
0.20
116
43821E3
820
35 x 35
1.77
1.50
0.30
147
53821E3
820
35 x 40
1.96
1.50
0.30
130
63821E3
1000
35 x 40
1.96
1.50
0.25
127
53102E3
1000
35 x 45
2.17
1.50
0.25
111
63102E3
1200
35 x 45
2.16
1.50
0.21
110
43122E3
1200
35 x 50
2.38
1.50
0.21
98
53122E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR
120 Hz (1)
(
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2199.......


Similar Part No. - MAL219956181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219956181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 18-Aug-08
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com