Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219827151E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL219827151E3
Description  Aluminum Capacitors Power High Ripple Current Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219827151E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL219827151E3 Datasheet HTML 1Page - Vishay Siliconix MAL219827151E3 Datasheet HTML 2Page - Vishay Siliconix MAL219827151E3 Datasheet HTML 3Page - Vishay Siliconix MAL219827151E3 Datasheet HTML 4Page - Vishay Siliconix MAL219827151E3 Datasheet HTML 5Page - Vishay Siliconix MAL219827151E3 Datasheet HTML 6Page - Vishay Siliconix MAL219827151E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28339
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
53
198 PHR-SI
Aluminum Capacitors
Power High Ripple Current Snap-In
Vishay BCcomponents
Table 3
RIPPLE CURRENT AND USEFUL LIFE
Note
Calculation example for case Ø D x L = 35 x 25 mm
Therefore the maximum ripple current multiplier at 70 °C, 300 Hz and 2 m/s air-flow = 1.57 x 1.17 x 1.35 = 2.48.
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≥ 400 V versions
Us =1.1 xUR
Reverse voltage
≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR xUR +4µA
After 5 minutes at UR
IL5 ≤ 0.002 CR xUR +4µA
Inductance
Equivalent series inductance (ESL)
All case sizes
typ. 19 nH
max. 25 nH
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER
50
0.86
100
1.00
300
1.17
600
1.24
1000
1.29
≥ 10 000
1.40
MAXIMUM RIPPLE CURRENT MULTIPLIER
PARAMETER
CONDITION
MAXIMUM RIPPLE CURRENT MULTIPLIER
VALUE
Ambient temperature (Tamb)70 °C
from nomogram; see Fig.7
1.57
Operating frequency (f)
300 Hz
from frequency table; see Table
1.17
Air-flow
2 m/s
from air-flow; see Fig.6
1.35
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
(1)
(2)
(3)
(4)
air velocity (m/s)
IR forced
IR free
Fig. 6 Multiplier of ripple current (IR) as a function of air-flow
Curve 1: case
Ø D x L=35 x25mm
Curve 2: case
Ø D x L=22 x25mm
Curve 3: case
Ø D x L=35 x50mm
Curve 4: case
Ø D x L = 22 x 40 mm


Similar Part No. - MAL219827151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219827151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
   Aluminum Capacitors, Power High Ripple Current Snap-In
Revision: 15-Oct-13
198PHR-SI VISHAY-198PHR-SI_16 Datasheet
118Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
Revision: 17-Oct-16
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
259PHM-SI VISHAY-259PHM-SI Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
259PHM-SI VISHAY-259PHM-SI_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 13-Mar-15
193PUR-SI VISHAY-193PUR-SI Datasheet
90Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 21-Jun-12
193PUR-SI-SOLAR VISHAY-193PUR-SI-SOLAR Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com