Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219946271E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL219946271E3
Description  Aluminum Capacitors Power Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219946271E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL219946271E3 Datasheet HTML 1Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 2Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 3Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 4Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 5Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 6Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 7Page - Vishay Siliconix MAL219946271E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 28363
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
97
199 PEL-SI
Aluminum Capacitors
Power Economy Long Life Snap-In
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
150
--
-
22 x 40
-
-
-
-
25 x 35
25 x 40
-
-
-
30 x 30
30 x 30
-
---
35 x 25
180
--
-
25 x 40
-
-
-
-
30 x 30
30 x 35
--
-
35 x 25
-
220
--
22 x 30
-
-
-
-
25 x 25
-
30 x 40
-
-
-
30 x 35
35 x 30
--
-
35 x 30
-
270
-
-
22 x 35
25 x 50
30 x 45
-
-
25 x 30
30 x 40
35 x 35
-
-
30 x 25
35 x 30
-
330
22 x 25
22 x 35
22 x 40
-
30 x 50
-
-
25 x 30
30 x 45
35 x 40
-
-
30 x 25
35 x 35
-
390
22 x 30
22 x 35
-
30 x 50
-
-
25 x 30
25 x 35
35 x 40
35 x 45
--
30 x 30
-
-
470
22 x 35
-
-
-
35 x 50
-
-
25 x 40
35 x 50
-
-
30 x 25
30 x 30
-
-
-
-
35 x 25
35 x 45
-
560
22 x 40
----
25 x 30
----
-
30 x 30
30 x 35
35 x 50
-
-
-
35 x 30
-
-
680
25 x 35
----
-
30 x 30
30 x 40
-
-
-
-
35 x 35
-
-
-
35 x 25
---
820
25 x 40
25 x 50
30 x 45
-
-
30 x 30
30 x 35
35 x 35
-
-
35 x 25
35 x 30
35 x 40
-
-
1000
30 x 35
30 x 45
-
-
-
35 x 30
35 x 35
35 x 40
-
-
-
-
35 x 45
-
-
1200
25 x 50
30 x 50
35 x 45
-
-
30 x 40
-
35 x 50
-
-
35 x 30
----
1500
30 x 45
35 x 45
-
-
-
35 x 35
----
1800
30 x 50
----
35 x 45
35 x 50
-
-
-
2200
35 x 50
----
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
160
200
250
400
450
+ TERMINAL
- TERMINAL
Ø D
L
+ 2 max.
L
Bottom view
6.3
mm
+ 1
- 1
Fig.2 Two terminal snap-in
The minus terminal can be marked with a black dot or with an imprinted sign
Fig.2 Mounting hole diagram
10
± 0.1
Ø 2 ± 0.1 (2x)


Similar Part No. - MAL219946271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219946271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 18-Aug-08
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com