Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF998RAW-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BF998RAW-GS08
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF998RAW-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  BF998RAW-GS08 Datasheet HTML 1Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 2Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 3Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 4Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 5Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 6Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 7Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 8Page - Vishay Siliconix BF998RAW-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BF998/BF998R/BF998RW
Document Number 85011
Rev. 1.8, 05-Sep-08
Vishay Semiconductors
www.vishay.com
3
Common Source S-Parameters
Tamb = 25 °C, unless otherwise specified
VDS = 8 V, VG2S = 4 V, Z0 = 50 Ω
Power gain
GS = 2 mS, GL = 0.5 mS,
f = 200 MHz
Gps
28
dB
GS = 3,3 mS, GL = 1 mS,
f = 800 MHz
Gps
16.5
20
dB
AGC range
VG2S = 4 to -2 V, f = 800 MHz
ΔG
ps
40
dB
Noise figure
GS = 2 mS, GL = 0.5 mS,
f = 200 MHz
F1.0
dB
GS = 3,3 mS, GL = 1 mS,
f = 800 MHz
F1.5
dB
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
ID/mA
f/MHz
S11
S21
S12
S22
LOG
MAG
ANG
LOG
MAG
ANG
LOG
MAG
ANG
LOG
MAG
ANG
deg
deg
deg
deg
5
100
- 0.03
- 7.2
5.71
168.8
- 55.94
83.6
- 0.08
- 3.6
200
- 0.15
- 14.1
5.51
157.3
- 50.26
76.8
- 0.13
- 7.0
300
- 0.34
- 20.9
5.20
134.7
- 48.51
67.7
- 0.29
- 9.7
400
- 0.70
- 32.1
2.01
121.3
- 46.98
62.8
- 0.44
- 12.3
500
- 1.03
- 39.2
1.45
108.4
- 46.40
57.8
- 0.59
- 15.1
600
- 1.33
- 45.8
0.94
96.5
- 46.40
57.3
- 0.76
- 17.4
700
- 1.62
- 52.3
0.43
85.0
- 47.02
58.9
- 0.91
- 19.7
800
- 1.92
- 58.7
- 0.10
74.1
- 47.53
63.3
- 1.08
- 22.0
900
- 2.21
- 64.7
- 0.59
63.6
- 47.81
73.1
- 1.26
- 24.3
1000
- 2.49
- 70.7
- 1.12
53.1
- 48.52
83.5
- 1.45
- 26.2
1100
- 2.80
- 76.6
- 1.52
43.7
- 48.53
102.1
- 1.57
- 28.4
1200
- 3.07
- 82.5
- 1.93
33.6
- 46.95
120.4
- 1.75
- 30.5
1300
- 3.31
- 88.6
- 2.35
24.1
- 44.44
131.7
- 1.92
- 32.7
10
100
- 0.05
- 9.0
5.19
165.3
- 56.24
81.9
- 0.11
- 3.5
200
- 0.16
- 18.7
5.58
151.8
- 49.97
75.0
- 0.21
- 7.2
300
- 0.48
- 26.0
4.45
136.3
- 47.91
67.2
- 0.33
- 9.8
400
- 0.76
- 33.7
3.95
123.3
- 46.48
61.8
- 0.47
- 12.6
500
- 1.11
- 41.2
3.40
110.9
- 45.91
56.3
- 0.65
- 15.3
600
- 1.43
- 48.3
2.88
99.5
- 45.91
55.8
- 0.81
- 17.8
700
- 1.75
- 55.1
2.39
88.7
- 46.53
56.7
- 0.96
- 20.0
800
- 2.07
- 61.6
1.88
78.1
- 47.13
60.7
- 1.12
- 22.4
900
- 2.40
- 67.9
1.39
67.9
- 47.41
69.9
- 1.32
- 24.6
1000
- 2.70
- 74.2
0.90
57.9
- 48.21
80.0
- 1.49
- 26.6
1100
- 3.03
- 80.2
0.50
48.7
- 48.43
98.9
- 1.61
- 28.8
1200
- 3.32
- 86.4
0.13
38.9
- 47.04
118.2
- 1.79
- 31.0
1300
- 3.59
- 92.3
- 0.28
29.6
- 44.54
130.5
- 1.96
- 33.3
15
100
- 0.05
- 9.4
6.07
165.4
- 55.74
81.4
- 0.15
- 3.6
200
- 0.17
- 19.4
6.44
152.0
- 49.47
74.6
- 0.24
- 7.3
300
- 0.50
- 27.1
5.31
136.7
- 47.41
66.4
- 0.36
- 10.0
400
- 0.81
- 35.0
4.80
123.8
- 45.98
60.8
- 0.52
- 12.9
500
- 1.18
- 42.9
4.23
111.5
- 45.41
55.1
- 0.68
- 15.7
600
- 1.52
- 50.3
3.72
100.3
- 45.41
54.4
- 0.84
- 18.0
700
- 1.86
- 57.2
3.22
89.6
- 46.13
54.9
- 1.02
- 20.4
800
- 2.20
- 63.9
2.72
79.4
- 46.63
58.5
- 1.16
- 22.7
900
- 2.53
- 70.4
2.24
69.2
- 47.00
67.3
- 1.35
- 25.0
1000
- 2.86
- 76.8
1.74
59.4
- 47.91
76.7
- 1.53
- 27.1
1100
- 3.21
- 82.9
1.34
50.2
- 48.33
95.2
- 1.66
- 29.4
1200
- 3.50
- 89.0
0.95
40.8
- 47.04
115.3
- 1.84
- 31.6
1300
- 3.80
- 95.1
0.56
31.5
- 44.53
128.7
- 2.00
- 33.9


Similar Part No. - BF998RAW-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF998RAW VISHAY-BF998RAW Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
More results

Similar Description - BF998RAW-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com