Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D477X_004B2_20H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 592D477X_004B2_20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D477X_004B2_20H Datasheet(HTML) 5 Page - Vishay Siliconix

  592D477X_004B2_20H Datasheet HTML 1Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 2Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 3Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 4Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 5Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 6Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 7Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 8Page - Vishay Siliconix 592D477X_004B2_20H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Aug-08
93
592D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile,
Conformal Coated, Maximum CV
Vishay Sprague
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to “0”.
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 8 V
10
A
592D106X_010A2_15H
1.0
6
2.60
0.15
10
B
592D106X_010B2_15H
1.0
6
1.70
0.22
22
A
592D226X_010A2_13H
2.2
6
1.50
0.20
22
B
592D226X_010B2_15H
2.2
6
1.50
0.23
22
B
592D226X_010B2_13H
2.2
6
1.50
0.23
22
C
592D226X_010C2_15H
2.2
6
0.40
0.50
33
C
592D336X_010C2_15H
3.3
6
0.40
0.50
33
D
592D336X_010D2_15H
3.3
6
0.30
0.65
33*
B*
592D336X_010B2_20H*
3.3*
6*
0.50*
0.40*
47
B
592D476X_010B2_20H
4.7
6
0.50
0.68
47
D
592D476X_010D2_15H
4.7
6
0.27
0.87
47
R
592D476X_010R2_15H
4.7
6
0.20
0.40
68
B
592D686X_010B2_20H
6.8
6
0.45
0.84
68
C
592D686X_010C2_15H
6.8
6
0.24
0.68
68*
C*
592D686X_010C2_20H*
6.8*
6*
0.25*
0.66*
68
D
592D686X_010D2_15H
6.8
6
0.27
0.87
68
R
592D686X_010R2_15H
6.8
6
0.20
0.42
100
B
592D107X_010B2T20H
10
14
0.40
0.45
100
C
592D107X_010C2_20H
10
8
0.19
1.11
100
D
592D107X_010D2_15H
10
8
0.10
0.76
100
R
592D107X_010R2_15H
10
6
0.22
0.83
150
C
592D157X_010C2_15H
15
8
0.17
0.80
150
C
592D157X_010C2_20H
15
8
0.17
0.80
150
D
592D157X_010D2_15H
15
8
0.25
0.71
150
D
592D157X_010D2_20H
15
8
0.14
1.00
220
D
592D227X_010D2_20H
22
8
0.12
1.08
220
D
592D227X_010D2_19H
22
8
0.12
1.08
220
R
592D227X_010R2_20H
22
8
0.10
1.32
330
D
592D337X_010D2_18H
33
8
0.10
1.12
330
D
592D337X_010D2_20H
33
8
0.10
1.18
330
R
592D337X_010R2_20H
33
8
0.10
1.32
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
4.7
A
592D475X_016A2_15H
0.8
6
3.50
0.13
6.8
A
592D685X_016A2_15H
1.1
6
3.30
0.13
6.8
B
592D685X_016B2_15H
1.1
6
1.80
0.21
10
B
592D106X_016B2_15H
1.6
6
1.60
0.22
10
C
592D106X_016C2_15H
1.6
6
1.00
0.32
15
B
592D156X_016B2_15H
2.4
6
1.40
0.24
15
D
592D156X_016D2_15H
2.4
6
0.50
0.50
22
B
592D226X_016B2_20H
3.5
6
0.60
0.36
22
C
592D226X_016C2_15H
3.5
6
0.30
0.46
22
D
592D226X_016D2_15H
3.5
6
0.40
0.60
33
B
592D336X_016B2_20H
5.3
6
0.60
0.36
33
C
592D336X_016C2_15H
5.3
6
0.25
0.66
33
D
592D336X_016D2_15H
5.3
6
0.30
0.62
33
R
592D336X_016R2_15H
5.3
6
0.27
0.75
47
B
592D476X_016B2_20H
7.5
6
0.72
0.33
47
C
592D476X_016C2_16H
7.5
6
0.25
0.66
47
C
592D476X_016C2_20H
7.5
6
0.25
0.66
47
R
592D476X_016R2_15H
7.5
6
0.25
0.77
68
C
592D686X_016C2_15H
10.9
6
0.50
1.20
68
C
592D686X_016C2_20H
10.9
6
0.25
0.66


Similar Part No. - 592D477X_004B2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D477X-004C2-20H VISHAY-592D477X-004C2-20H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D477X-004D2-14H VISHAY-592D477X-004D2-14H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D477X-004D2-15H VISHAY-592D477X-004D2-15H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D477X-004D2-20H VISHAY-592D477X-004D2-20H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
592D477X-004R2-20H VISHAY-592D477X-004R2-20H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
More results

Similar Description - 592D477X_004B2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com