Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219877271E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL219877271E3
Description  Aluminum Capacitors Power High Ripple Current Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219877271E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL219877271E3 Datasheet HTML 1Page - Vishay Siliconix MAL219877271E3 Datasheet HTML 2Page - Vishay Siliconix MAL219877271E3 Datasheet HTML 3Page - Vishay Siliconix MAL219877271E3 Datasheet HTML 4Page - Vishay Siliconix MAL219877271E3 Datasheet HTML 5Page - Vishay Siliconix MAL219877271E3 Datasheet HTML 6Page - Vishay Siliconix MAL219877271E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
198 PHR-SI
Vishay BCcomponents
Aluminum Capacitors
Power High Ripple Current Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28339
52
Revision: 08-Aug-08
Table 2
CUSTOMIZED PRODUCTS
If you are unable to find the capacitor you require, please contact your local Vishay BCcomponents sales organization; we are
able to design and manufacture customized capacitors to meet your specific requirements.
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL1
1min
(µA)
IL5
5min
(µA)
TYP.
ESR
100 Hz
(m
Ω)
MAX.
ESR
100 Hz
(m
Ω)
TYP. Z
10 kHz
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2198.......
2-TERM.
3-TERM.
400
56
22 x 25
0.72
138
49
918
1706
521
1085
56569E3
76569E3
68
22 x 25
0.79
167
59
762
1405
434
905
56689E3
76689E3
100
22 x 30
1.00
244
84
520
956
297
610
56101E3
76101E3
120
22 x 35
1.14
292
100
433
796
247
450
46121E3
26121E3
120
25 x 30
1.14
292
100
438
796
252
450
36121E3
16121E3
150
22 x 40
1.33
364
124
348
637
199
363
66151E3
86151E3
400
150
25 x 35
1.33
364
124
351
637
202
363
36151E3
16151E3
180
25 x 40
1.51
436
148
293
531
169
295
36181E3
16181E3
180
30 x 30
1.49
436
148
305
531
180
295
66181E3
86181E3
180
35 x 25
1.56
436
148
327
531
200
295
26181E3
76181E3
220
25 x 45
1.75
532
180
241
434
139
280
36221E3
90008E3
220
30 x 35
1.56
532
180
250
434
147
280
26221E3
76221E3
220
35 x 30
1.81
532
180
259
434
155
280
16221E3
86221E3
270
30 x 40
1.95
652
220
205
354
121
263
36271E3
16271E3
270
35 x 30
1.93
652
220
222
354
137
263
66271E3
86271E3
330
30 x 45
2.22
796
268
169
290
101
210
36331E3
16331E3
330
35 x 35
2.18
796
268
181
290
112
210
66331E3
86331E3
390
30 x 50
2.50
940
316
145
245
86
175
36391E3
16391E3
390
35 x 40
2.44
940
316
154
245
95
175
66391E3
86391E3
470
35 x 45
2.72
1132
380
129
203
80
153
36471E3
16471E3
560
35 x 50
3.03
1348
452
110
171
70
133
46561E3
26561E3
680
35 x 60
3.53
1636
548
91
140
57
110
46681E3
26681E3
450
56
22 x 25
0.71
155
54.4
865
1706
479
940
57569E3
77569E3
68
22 x 30
0.82
188
65.2
709
1405
392
765
57689E3
77689E3
82
22 x 30
0.89
225
77.8
592
1165
329
645
47829E3
27829E3
82
25 x 25
0.91
225
77.8
604
1165
339
645
57829E3
77829E3
100
22 x 35
1.02
274
94
485
956
270
525
47101E3
27101E3
100
25 x 30
1.05
274
94
491
956
274
525
57101E3
77101E3
120
22 x 40
1.14
328
112
406
796
225
443
47121E3
27121E3
120
25 x 30
1.13
328
112
415
796
233
443
57121E3
77121E3
120
30 x 25
1.16
328
112
431
796
248
443
67121E3
87121E3
150
25 x 40
1.36
409
139
328
637
184
353
47151E3
27151E3
150
30 x 30
1.36
409
139
340
637
194
353
57151E3
77151E3
180
25 x 40
1.47
490
166
277
531
157
303
47181E3
27181E3
180
30 x 35
1.54
490
166
282
531
161
303
57181E3
77181E3
180
35 x 25
1.46
490
166
316
531
191
303
67181E3
87181E3
220
25 x 50
1.71
598
202
226
434
127
263
47221E3
27221E3
220
30 x 40
1.75
598
202
232
434
133
263
57221E3
77221E3
220
35 x 30
1.72
598
202
248
434
148
263
67221E3
87221E3
270
30 x 45
1.98
733
247
191
354
110
225
47271E3
27271E3
270
35 x 35
1.96
733
247
202
354
120
225
57271E3
77271E3
330
30 x 50
2.22
895
301
158
290
91
195
47331E3
27331E3
330
35 x 40
2.22
895
301
167
290
100
195
57331E3
77331E3
390
35 x 45
2.46
1057
355
142
245
85
170
57391E3
77391E3
470
35 x 50
2.73
1273
427
120
203
73
145
57471E3
77471E3
560
35 x 60
3.10
1516
508
100
171
60
120
57561E3
77561E3
680
35 x 60
3.30
1840
616
88
140
55
110
57681E3
77681E3


Similar Part No. - MAL219877271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219877271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
   Aluminum Capacitors, Power High Ripple Current Snap-In
Revision: 15-Oct-13
198PHR-SI VISHAY-198PHR-SI_16 Datasheet
118Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
Revision: 17-Oct-16
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
259PHM-SI VISHAY-259PHM-SI Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
259PHM-SI VISHAY-259PHM-SI_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 13-Mar-15
193PUR-SI VISHAY-193PUR-SI Datasheet
90Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 21-Jun-12
193PUR-SI-SOLAR VISHAY-193PUR-SI-SOLAR Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com