Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR90A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFR90A
Description  Silicon NPN Planar RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR90A Datasheet(HTML) 2 Page - Vishay Siliconix

  BFR90A Datasheet HTML 1Page - Vishay Siliconix BFR90A Datasheet HTML 2Page - Vishay Siliconix BFR90A Datasheet HTML 3Page - Vishay Siliconix BFR90A Datasheet HTML 4Page - Vishay Siliconix BFR90A Datasheet HTML 5Page - Vishay Siliconix BFR90A Datasheet HTML 6Page - Vishay Siliconix BFR90A Datasheet HTML 7Page - Vishay Siliconix BFR90A Datasheet HTML 8Page - Vishay Siliconix BFR90A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 85029
Rev. 1.6, 08-Sep-08
BFR90A
Vishay Semiconductors
For technical support, please contact: RF-Transistor@vishay.com
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Common Emitter S-Parameters
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter cut-off current
VCE = 20 V, VBE = 0
ICES
100
μA
Collector base cut-off current
VCB = 15 V, IE = 0
ICBO
100
nA
Emitter base cut-off current
VEB = 2 V, IC = 0
IEBO
10
μA
Collector emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
V
DC forward current transfer ratio VCE = 10 V, IC = 14 mA
hFE
50
100
150
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 10 V, IC = 14 mA,
f = 500 MHz
fT
6GHz
Collector base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.25
pF
Emitter base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.9
pF
Noise figure
VCE = 10 V, IC = 2 mA,
f = 800 MHz, ZS = 50 Ω
F1.8
dB
Power gain
VCE = 10 V, IC = 14 mA,
ZL = ZLopt, f = 800 MHz
Gpe
16
dB
Linear output voltage - two tone
intermodulation test
VCE = 10 V, IC = 14 mA,
dIM = 60 dB, f1 = 806 MHz,
f2 = 810 MHz, ZS = ZL = 50 Ω
V1 = V2
120
mV
Third order intercept point
VCE = 10 V, IC = 14 mA,
f = 800 MHz
IP3
24
dBm
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
5
2
100
0.90
- 17.7
6.25
165.4
0.02
81.1
0.98
- 6.8
300
0.80
- 50.4
5.51
140.9
0.05
65.5
0.91
- 18.2
500
0.67
- 78.1
4.66
121.6
0.07
56.7
0.84
- 25.8
800
0.52
- 111.2
3.56
99.9
0.08
51.2
0.77
- 33.8
1000
0.45
- 128.8
2.99
89.0
0.09
51.0
0.75
- 38.4
1200
0.40
- 144.1
2.58
80.3
0.10
52.1
0.74
- 42.7
1500
0.34
- 164.2
2.11
69.3
0.11
54.6
0.74
49.4
1800
0.30
176.6
1.80
59.3
0.12
57.8
0.75
- 56.3
2000
0.28
165.9
1.64
54.2
0.13
59.4
0.76
- 61.0
5
5
100
0.77
- 27.0
13.24
156.9
0.02
76.2
0.95
- 10.9
300
0.56
- 69.4
9.72
125.0
0.04
63.9
0.79
- 23.5
500
0.41
- 97.4
7.01
106.7
0.05
61.8
0.70
- 28.5
800
0.30
- 126.9
4.76
89.9
0.07
63.5
0.65
34.1
1000
0.26
- 142.7
3.89
81.8
0.08
64.6
0.64
- 38.3
1200
0.24
- 155.8
3.29
75.1
0.10
65.7
0.63
- 42.5
1500
0.21
- 174.3
2.67
66.5
0.12
66.2
0.64
- 49.3
1800
0.19
167.7
2.27
58.1
0.14
66.0
0.66
- 56.2
2000
0.18
158.7
2.06
53.8
0.16
65.5
0.67
- 60.6


Similar Part No. - BFR90A

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BFR90A TEMIC-BFR90A Datasheet
70Kb / 6P
   Silicon NPN Planar RF Transistor
logo
New Jersey Semi-Conduct...
BFR90A NJSEMI-BFR90A Datasheet
134Kb / 2P
   Silicon NPN Planar RF Transistor
More results

Similar Description - BFR90A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com