Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219727151E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL219727151E3
Description  Aluminum Capacitors Power General Purpose Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219727151E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL219727151E3 Datasheet HTML 1Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 2Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 3Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 4Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 5Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 6Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 7Page - Vishay Siliconix MAL219727151E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors
Power General Purpose Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28343
70
Revision: 18-Aug-08
Table 3
Note
(1) Impedance ratio shall not exceed the given values
Table 4
Note
(1) 0.15 for Ø D = 35 mm
RIPPLE CURRENT AND USEFUL LIFE
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≥ 400 V versions
Us = 1.1 x UR
≤ 250 V versions
Us = 1.15 x UR
Reverse voltage
≤ 1V
-
Current
Leakage current
After 5 minutes at UR
IL5 ≤ 0.02 CR x UR or 1.5 mA,
whichever is smaller
LOW TEMPERATURE CHARACTERISTIC (at 120 Hz)
DESCRIPTION
UR (V) (1)
160
200
250
400
450
Impedance ratio
Z(- 25
°C)/Z(+ 20 °C)
44
4
4
4
DISSIPATION FACTOR (tan
δ at 120 Hz, 20 °C)
DESCRIPTION
UR (V)
160
200
250
400
450
tan
δ (max.)
0.10 (1)
0.10 (1)
0.10 (1)
0.15
0.15
1.3
1.2
1.1
1.0
0.8
0.5
0.0
40
50
60
70
80
90
IA
R
I
MGA453
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
life multiplier
(1)
T
amb (°C)
Fig.4 Multiplier of useful life as a function of ambient temperature and ripple current load
IA = actual ripple current at 120 Hz
IR = rated ripple current at 120 Hz and 85 °C
(1) Useful life at 85
°C and I
R applied: 3000 hours


Similar Part No. - MAL219727151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219727151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI_17 Datasheet
115Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 10-Jan-17
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com