Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219737181E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL219737181E3
Description  Aluminum Capacitors Power General Purpose Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219737181E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL219737181E3 Datasheet HTML 1Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 2Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 3Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 4Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 5Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 6Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 7Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors
Power General Purpose Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28343
66
Revision: 18-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
270
22 x 25
22 x 25
22 x 30
-
30 x 40
-
-
25 x 25
30 x 35
35 x 35
---
35 x 30
-
----
-
330
22 x 25
22 x 30
22 x 35
25 x 50
30 x 50
-
25 x 25
25 x 30
30 x 40
35 x 40
-
-
30 x 25
35 x 30
-
390
22 x 30
22 x 30
22 x 40
30 x 45
30 x 50
-
25 x 25
25 x 35
35 x 35
35 x 50
--
30 x 25-
-
470
22 x 30
22 x 35
-
30 x 50
35 x 50
25 x 25
25 x 30
25 x 40
35 x 40
-
-
30 x 25
30 x 30
-
-
560
25 x 25
22 x 40
25 x 40
35 x 45
-
30 x 25
25 x 35
-
-
-
-
30 x 25
30 x 35
-
-
680
25 x 30
25 x 40
25 x 50
35 x 50
-
30 x 25
30 x 30
30 x 40
-
-
--
35 x 30-
-
820
25 x 35
-
30 x 45
-
-
-
30 x 35
35 x 35
-
-
-35 x 30
-
-
-
1000
25 x 40
30 x 40
30 x 50
-
-
30 x 30
35 x 35
35 x 40
-
-
1200
30 x 35
30 x 45
35 x 50
-
-
35 x 30
35 x 35
-
-
-
1500
35 x 35
35 x 50
35 x 50
-
-
1800
30 x 50---
-
35 x 40---
-
2200
35 x 50
35 x 50
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
160
200
250
400
450
+ TERMINAL
Ø D
L + 2 max.
L
Bottom view
6.3
mm
+ 1
- 1
- TERMINAL
Fig.2 Two terminal snap-in
The minus terminal can be marked with an imprinted sign
Fig.3 Mounting hole diagram
10
± 0.1
Ø 2 ± 0.1 (2 x)
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
CARDBOARD BOX DIMENSIONS
LxW x H
22 x 25
22.5
25.5
≈ 12
216
280 x 240 x 140
22 x 30
22.5
30.5
≈ 16
216
280 x 240 x 140
22 x 35
22.5
35.5
≈ 20
144
280 x 240 x 105
22 x 40
22.5
40.5
≈ 23
144
280 x 240 x 105
22 x 45
22.5
45.5
≈ 26
144
280 x 240 x 140
22 x 50
22.5
50.5
≈ 29
72
280 x 240 x 105
25 x 25
25.5
25.5
≈ 20
216
280 x 240 x 140
25 x 30
25.5
32.0
≈ 22
216
280 x 240 x 140
25 x 35
25.5
35.5
≈ 24
144
280 x 240 x 105


Similar Part No. - MAL219737181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219737181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI_17 Datasheet
115Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 10-Jan-17
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com