Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D477X0004R4W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 594D477X0004R4W
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D477X0004R4W Datasheet(HTML) 3 Page - Vishay Siliconix

  594D477X0004R4W Datasheet HTML 1Page - Vishay Siliconix 594D477X0004R4W Datasheet HTML 2Page - Vishay Siliconix 594D477X0004R4W Datasheet HTML 3Page - Vishay Siliconix 594D477X0004R4W Datasheet HTML 4Page - Vishay Siliconix 594D477X0004R4W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 40006
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
87
594D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Conformal Coated,
Maximum CV, Low ESR
Vishay Sprague
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
MAX. ESR
AT + 25 °C
100 kHz
MAX. RIPPLE
100 kHz
Irms
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 8 V
15
B
594D156X_010B2T
1.5
6
0.50
0.41
33
B
594D336X_010B2T
3.3
6
0.50
0.41
47
B
594D476X_010B2T
4.7
6
0.40
0.46
68
B
594D686X_010B2T
6.8
6
0.350
0.49
68
C
594D686X_010C2T
6.8
6
0.100
1.05
100
B
594D107X_010B2T
10
12
0.250
0.57
100
C
594D107X_010C2T
10
8
0.095
1.08
120
C
594D127X_010C2T
10.2
7
0.095
1.08
150
C
594D157X_010C2T
15
8
0.090
1.11
150
D
594D157X_010D2T
15
8
0.075
1.41
180
D
594D187X_010D2T
14.4
7
0.090
1.29
220
C
594D227X_010C2T
22
8
0.100
1.05
220
D
594D227X_010D2T
22
8
0.065
1.52
330
D
594D337X_010D2T
33
8
0.065
1.52
330
R
594D337X_010R2T
33
8
0.045
2.36
470
R
594D477X_010R2T
47
10
0.045
2.36
680
R
594D687X_010R2T
68
14
0.045
2.36
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
15
B
594D156X_016B2T
2.4
6
0.55
0.39
33
B
594D336X_016B2T
5.3
6
0.500
0.41
33
C
594D336X_016C2T
5.3
6
0.150
0.86
47
B
594D476X_016B2T
7.5
6
0.72
0.34
47
C
594D476X_016C2T
7.5
6
0.110
1.00
68
C
594D686X_016C2T
10.9
6
0.123
0.95
68
D
594D686X_016D2T
10.9
6
0.095
1.26
100
C
594D107X_016C2T
16
8
0.080
1.17
100
D
594D107X_016D2T
16
8
0.075
1.41
150
D
594D157X_016D2T
24
8
0.085
1.33
180
R
594D187X_016R2T
28.8
8
0.055
2.13
220
R
594D227X_016R2T
35.2
8
0.055
2.13
330
R
594D337X_016R2T
52.8
8
0.055
2.13
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
4.7
B
594D475X_020B2T
0.9
6
0.90
0.31
6.8
B
594D685X_020B2T
1.4
6
0.90
0.31
10
B
594D106X_020B2T
2.0
6
0.85
0.32
22
B
594D226X_020B2T
4.4
6
0.60
0.38
22
C
594D226X_020C2T
4.4
6
0.150
0.86
47
C
594D476X_020C2T
9.4
6
0.140
0.89
47
D
594D476X_020D2T
9.4
6
0.095
1.26
100
D
594D107X_020D2T
20
8
0.085
1.33
120
R
594D127X_020R2T
24
8
0.080
1.77
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
3.3
B
594D335X_025B2T
0.8
6
1.50
0.24
10
B
594D106X_025B2T
2.5
6
0.900
0.31
15
C
594D156X_025C2T
3.8
6
0.220
0.70
22
C
594D226X_025C2T
5.5
6
0.200
0.74
33
D
594D336X_025D2T
8.3
6
0.130
1.05
47
D
594D476X_025D2T
11.8
6
0.130
1.07
68
D
594D686X_025D2T
17
8
0.200
1.00
68
R
594D686X_025R2T
17
6
0.095
1.60
100
R
594D107X_025R2T
25
8
0.090
1.67
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
2.2
B
594D225X_035B2T
0.8
6
1.70
0.22
4.7
B
594D475X_035B2T
1.6
6
1.40
0.25
6.8
C
594D685X_035C2T
2.4
6
0.43
0.51
15
C
594D156X_035C2T
5.3
6
0.40
0.52
15
D
594D156X_035D2T
5.3
6
0.27
0.75
22
D
594D226X_035D2T
7.7
6
0.27
0.75
33
R
594D336X_035R2T
11.6
6
0.20
1.12
47
R
594D476X_035R2T
16.6
6
0.20
1.12
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 38 V
1.0
B
594D105X_050B2T
0.5
4
3.5
0.16
4.7
C
594D475X_050C2T
2.4
6
1.0
0.33
6.8
D
594D685X_050D2T
3.4
6
.45
0.58
15
R
594D156X_050R2T
7.5
6
.35
0.85
* Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".


Similar Part No. - 594D477X0004R4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D477X0004R4W VISHAY-594D477X0004R4W Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
More results

Similar Description - 594D477X0004R4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com