Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219717471E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL219717471E3
Description  Aluminum Capacitors Power General Purpose Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219717471E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL219717471E3 Datasheet HTML 1Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 2Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 3Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 4Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 5Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 6Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 7Page - Vishay Siliconix MAL219717471E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 28343
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
71
197 PGP-SI
Aluminum Capacitors
Power General Purpose Snap-In
Vishay BCcomponents
Table 5
Table 6
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
160 to 250 V
400 and 450 V
60
0.81
0.90
100
0.97
0.95
120
1.00
1.00
500
1.32
1.20
1000
1.45
1.30
≥ 10 000
1.50
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Useful life
CECC 30301
subclause 1.8.1
Tamb =85 °C; UR and IR applied:
3000 hours
ΔC/C: ± 30 %
ESR
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage:
≤ 3 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb =85 °C; no voltage applied;
1000 hours
After test: UR to be applied for 30 minutes,
24 hours to 48 hours before measurement
ΔC/C: ± 20 %
ESR
≤ 2 x spec. limit
IL5 ≤ 1 x spec. limit


Similar Part No. - MAL219717471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219717471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI_17 Datasheet
115Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 10-Jan-17
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com