Electronic Components Datasheet Search |
|
M38501M3H-XXXSS Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
M38501M3H-XXXSS Datasheet(HTML) 9 Page - Renesas Technology Corp |
9 / 287 page iii 3850 Group (Spec. H) User’s Manual Table of contents 3.1.3 Electrical characteristics ................................................................................................ 3-4 3.1.4 A-D converter characteristics ....................................................................................... 3-6 3.1.5 Timing requirements and switching characteristics ................................................... 3-7 3.2 Standard characteristics .................................................................................................... 3-11 3.2.1 Flash memory version power source current standard characteristics ................ 3-11 3.2.2 Mask ROM version power source current standard characteristics ..................... 3-14 3.2.3 PROM version power source current standard characteristics .............................. 3-17 3.2.4 Flash memory version port standard characteristics .............................................. 3-20 3.2.5 Mask ROM version port standard characteristics .................................................... 3-22 3.2.6 PROM version port standard characteristics ............................................................ 3-24 3.2.7 A-D conversion standard characteristics ................................................................... 3-26 3.3 Notes on use ........................................................................................................................ 3-31 3.3.1 Notes on input and output ports ................................................................................ 3-31 3.3.2 Termination of unused pins ........................................................................................ 3-32 3.3.3 Notes on interrupts ...................................................................................................... 3-33 3.3.4 Notes on timer .............................................................................................................. 3-34 3.3.5 Notes on serial I/O ...................................................................................................... 3-34 3.3.6 Notes on PWM ............................................................................................................. 3-37 3.3.7 Notes on A-D converter .............................................................................................. 3-37 3.3.8 Notes on watchdog timer ............................................................................................ 3-37 3.3.9 Notes on RESET pin ................................................................................................... 3-38 3.3.10 Notes on using stop mode ....................................................................................... 3-38 3.3.11 Notes on wait mode .................................................................................................. 3-38 3.3.12 Notes on CPU rewrite mode of flash memory version ......................................... 3-39 3.3.13 Notes on restarting oscillation .................................................................................. 3-39 3.3.14 Notes on programming .............................................................................................. 3-40 3.3.15 EPROM Version/One Time PROM Version/Flash Memory Version .................... 3-42 3.3.16 Handling of Source Pins ........................................................................................... 3-42 3.3.17 Differences between 3850 group (standard) and 3850 group (spec. H) ........... 3-42 3.4 Countermeasures against noise ...................................................................................... 3-43 3.4.1 Shortest wiring length .................................................................................................. 3-43 3.4.2 Connection of bypass capacitor across VSS line and VCC line ............................... 3-45 3.4.3 Wiring to analog input pins ........................................................................................ 3-46 3.4.4 Oscillator concerns ....................................................................................................... 3-47 3.4.5 Setup for I/O ports ....................................................................................................... 3-48 3.4.6 Providing of watchdog timer function by software .................................................. 3-49 3.5 List of registers ................................................................................................................... 3-50 3.6 Package outline ................................................................................................................... 3-66 3.7 Machine instructions .......................................................................................................... 3-68 3.8 List of instruction code ..................................................................................................... 3-79 3.9 SFR memory map ................................................................................................................ 3-80 3.10 Pin configurations ............................................................................................................. 3-81 |
Similar Part No. - M38501M3H-XXXSS |
|
Similar Description - M38501M3H-XXXSS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |