Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213246152E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL213246152E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213246152E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL213246152E3 Datasheet HTML 1Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 2Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 3Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 4Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 5Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 6Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 7Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 8Page - Vishay Siliconix MAL213246152E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366
220
Revision: 18-Apr-08
132/133 ALL-DIN
Vishay
Aluminum Capacitors
Axial Long Life, DIN-Based
100
1
6.5 x 18
20
4.0
0.06
95
45
6
-
13229108E3
13239108E3
-
2.2
6.5 x 18
30
4.4
0.06
43
20
5
-
13229228E3
13239228E3
-
4.7
6.5 x 18
48
4.9
0.06
20
9.6
4
-
13229478E3
13239478E3
-
10
8 x 18
73
6
0.06
9.5
4.5
2.8
-
13229109E3
13239109E3
-
22
10 x 18
130
8.4
0.06
4.3
2
1.3
-
13229229E3
13239229E3
-
47
10 x 25
220
13.4
0.06
2.0
1
0.90
-
13290505E3
13290506E3
-
47
10 x 30
220
9.4
0.06
2.0
1
0.90
13219479E3
13229479E3
-
-
68
12.5 x 30
250
13.5
0.06
1.4
0.80
-
13219689E3
13229689E3
-
-
100
15 x 30
380
20
0.06
0.95
0.50
-
13219101E3
13229101E3
-
13249101E3
150
18 x 30
400
30
0.06
0.64
0.35
-
13219151E3
-
-
13249151E3
220
18 x 38
660
44
0.06
0.43
0.20
-
13219221E3
-
-
13249221E3
330
18 x 38
700
66
0.06
0.29
0.15
-
13219331E3
-
-
13249331E3
470
21 x 38
1200
94
0.06
0.20
0.10
-
13219471E3
-
-
13249471E3
160
2.2
6.5 x 18
22
20
0.10
72
55
30
-
13321228E3
13331228E3
-
4.7
8 x 18
37
20
0.10
34
26
20
-
13321478E3
13331478E3
-
10
10 x 18
61
20
0.10
16
12
10
-
13321109E3
13331109E3
-
22
10 x 25
120
20
0.10
7.2
5.5
2.5
-
13390502E3
13390503E3
-
250
2.2
8 x 18
25
20
0.10
72
50
30
-
13323228E3
13333228E3
-
4.7
10 x 18
37
20
0.10
34
23
16
-
13323478E3
13333478E3
-
10
10 x 25
66
20
0.10
16
11
9
-
13323109E3
13333109E3
-
350
1
6.5 x 18
15
20
0.10
160
100
40
-
13325108E3
13335108E3
-
2.2
8 x 18
25
20
0.10
72
45
28
-
13325228E3
13335228E3
-
4.7
8 x 18
43
20
0.10
34
21
15
-
13390511E3
13390509E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING CODE MAL2.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
UR =10to250 V
Us ≤ 1.15 x UR
UR = 350 V
Us ≤ 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute:
Case Ø D x L = 6.5 x 18 to 10 x 25 mm:
UR =10to100 V
IL1 ≤ 0.01 CR xUR +3
UR = 160 to 350 V
IL1 ≤ 50 µA
Case Ø DxL=10 x30to21 x 38 mm:
UR =10to100 V
IL1 ≤ 0.006 CR xUR +3
After 5 minutes:
Case Ø D x L = 6.5 x 18 to 10 x 25 mm:
UR =10to100 V
IL5 ≤ 0.002 CR xUR +4
UR = 160 to 350 V
IL5 ≤ 20 µA
Case Ø DxL=10 x30to21 x 38 mm:
UR =10to100 V
IL5 ≤ 0.002 CR xUR +4 µA
Inductance
Equivalent series
inductance (ESL)
Case Ø D x L mm:
6.5 x 18
typ. 15 nH
-
8 x 18
typ. 35 nH
-
10 x 18
typ. 69 nH
-
10 x 25
typ. 38 nH
-
10 x 30
typ. 38 nH
-
12.5 x 30
typ. 46 nH
-
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH


Similar Part No. - MAL213246152E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213246152E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com