Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280105-01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 280105-01
Description  Plasma Panel Display Modules 240 Character Display with Drive Electronics Controller and Parallel Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280105-01 Datasheet(HTML) 1 Page - Vishay Siliconix

  280105-01 Datasheet HTML 1Page - Vishay Siliconix 280105-01 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 37017
Revision 05-Dec-00
www.vishay.com
2
APD-240M021
Vishay Dale
Plasma Panel Display Modules
240 Character Display with Drive Electronics
Controller and Parallel Interface
The APD-240M021 plasma display module consists of a multiplexed DC plasma display, drive circuitry and switching voltage
converter mated with an intelligent, microprocessor-based controller board. The resulting assembly interfaces easily to micro-
processor-based systems and requires only readily available low voltages for power. Vishay Dale’s patented open construction
display technology assures a stable flicker free screen.
Interfacing is a basic 8 bit parallel ASCII interface with some dedicated control lines and requires minimum handshaking.
DEVICE SELECT (CS), ADDRESS (A
0
), WRITE and READ lines are enabled in accordance with the Function Summary Chart
and allow the host system to write or read data from the display. Data bus signals are formatted in accordance with the
standard ASCII which allow control functions to be included in the character code matrix table. Functions such as advancing
the cursor position or selecting the end-of-line mode are implemented with a single 8 bit control word.
FEATURES
• 240 (6 x 40) alphanumeric characters (5 x 7 dot matrix).
• Compatible with IEE 3402-08-240N.
• Only + 5 and + 11.5 to 30.0 VDC required.
• ASCII character set (optional character sets available).
• Efficient parallel interface.
• Wide viewing angle (150
°).
• Rugged design/slim profile.
• Flicker free refresh.
• Editing functions.
• High brightness.
OPTICAL SPECIFICATIONS
Viewing Area: 7.52" [191.01mm] W x 2.15" [54.61mm] H.
Number of Characters: 240.
Character Size: 0.15" [3.81mm] W x 0.21" [5.33mm] H.
Luminance: 100 foot lamberts.
DESCRIPTION
PART NUMBER
Display, Drive Electronics, Controller.......................................................................................................................................... APD-240M021
Parallel Data Connector Kit................................................................................................................................................................280105-01
Power Connector Kit.......................................................................................................................................................................... 280108-07
Non-Glare Filter (amber circular polarized) -
other filters available - contact factory............................................................................................................................................... 280109-13
ORDERING INFORMATION
DIMENSIONS in inches [millimeters]
J1
Pin #1 Mates with
Molex 09-50-3061
J2
Pin #1
Mates with 3M
3399-6026
2.0
[50.80]
4.75
[120.65]
0.450
[11.43]
0.470
[11.94]
Max.
1.90
[48.26]
Max.
1.15
[29.21]
0.250
[6.35]
9.50 [241.3]
0.50
[12.70]
0.200
[5.08]
4.30
[109.22]
3.90
[99.06]
1.0 [25.40]
2.15
[54.61]
10.0 [254.0]
7.52 [191.0]
STANDARD ELECTRICAL SPECIFICATIONS
*At 12 volt input.
MIN.
TYP.
MAX.
UNITS
Logic Supply Voltage
+ 4.75
+ 5.0
+ 5.25
V
Logic Supply Current
300.0
mA
Panel Supply Voltage
11.5
12.0
30.0
V
Panel Supply Current*
600.0
1000.0
mA
Logic One Voltage
2.4
V
Logic Zero Voltage
0.8
V
Logic Zero Input Current
- 0.4
mA


Similar Part No. - 280105-01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280105-01 VISHAY-280105-01 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
280105-01 VISHAY-280105-01 Datasheet
166Kb / 11P
   Plasma Panel Display Modules 128 x 64 Graphics Display with ASCII Input Controller, DC/DC Converter and Drive Circuitry
Revision 21-Dec-00
280105-01 VISHAY-280105-01 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
280105-01 VISHAY-280105-01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
280105-01 VISHAY-280105-01 Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
More results

Similar Description - 280105-01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-256M025A-1 VISHAY-APD-256M025A-1 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 256 Character Display with Drive Electronics Controller, Parallel and Serial Interface
Revision 08-Nov-00
APD-480M021-1 VISHAY-APD-480M021-1 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 480 Character Display with Drive Electronics Controller and Serial Interface
Revision 08-Nov-00
APD-080M025-1 VISHAY-APD-080M025-1 Datasheet
86Kb / 3P
   Plasma Panel Display Modules 80 Character Display with Drive Electronics Controller and Serial Interface
Revision 05-Dec-00
APD-016M040 VISHAY-APD-016M040 Datasheet
74Kb / 3P
   Plasma Panel Display Modules 16 Character Display with Drive Electronics and Controller
Revision 05-Dec-00
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
APD-192G064 VISHAY-APD-192G064 Datasheet
52Kb / 1P
   Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 07-Nov-00
APD-016A070 VISHAY-APD-016A070 Datasheet
73Kb / 3P
   Plasma Panel Display Modules DC Character Module with Drive Electronics TTL Level Data Interface and Integrated DC Converter
Revision 27-Nov-00
APD-250M060 VISHAY-APD-250M060 Datasheet
83Kb / 3P
   Plasma Panel Display Monitors 250 Character Display, Drive Electronics, Controller Audio Alarm, Enclosure, Illuminated Control Panel
Revision 05-Dec-00
APD-128G064 VISHAY-APD-128G064_07 Datasheet
51Kb / 2P
   Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 05-Dec-00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com