Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511D477M035DK4D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 511D477M035DK4D
Description  Aluminum Capacitors General Purpose, Miniature, Radial Lead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

511D477M035DK4D Datasheet(HTML) 2 Page - Vishay Siliconix

  511D477M035DK4D Datasheet HTML 1Page - Vishay Siliconix 511D477M035DK4D Datasheet HTML 2Page - Vishay Siliconix 511D477M035DK4D Datasheet HTML 3Page - Vishay Siliconix 511D477M035DK4D Datasheet HTML 4Page - Vishay Siliconix 511D477M035DK4D Datasheet HTML 5Page - Vishay Siliconix 511D477M035DK4D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 42051
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 22-Jul-08
403
511D
Aluminum Capacitors
General Purpose, Miniature, Radial Lead
Vishay Sprague
TAPE AND REEL, SPECIFICATIONS TO EIA-468 in inches [millimeters]
P
0
H
L
1
F
P
K
H
0
0
W W
D0
d
Formed Leads
DIMENSIONS in inches [millimeters]
CASE SIZE
F LEAD SPACING
STD. QTY/REEL
0.236 x 0.433 [6.0 x 11.0]
0.197 [5.0]
800
0.315 x 0.472 [8.0 x 12.0]
0.197 [5.0]
700
P
0
H
L
1
F
P
0
W W
D0
d
f
Unformed Leads
DIMENSIONS in inches [millimeters]
CASE SIZE
F LEAD SPACING
STD. QTY/REEL
0.236 x 0.433 [6.0 x 11.0]
0.098 (1) [2.5]
800
0.315 x 0.472 [8.0 x 12.0]
0.140 (1) [3.5]
700
0.394 x 0.512 [10.0 x 13.0]
0.197 [5.0]
500
0.394 x 0.630 [10.0 x 16.0]
0.197 [5.0]
500
0.394 x 0.787 [10.0 x 20.0]
0.197 [5.0]
500
Note
(1) Available as special order


Similar Part No. - 511D477M035DK4D

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511D477M035DK4D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com