Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD-256G064-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # APD-256G064-1
Description  Plasma Panel Display Module 256 x 64 Graphics Display with Drive Electronics, TTL Level Data Interfacer and Integrated DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

APD-256G064-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  APD-256G064-1 Datasheet HTML 1Page - Vishay Siliconix APD-256G064-1 Datasheet HTML 2Page - Vishay Siliconix APD-256G064-1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 37020
Revision 05-Dec-00
www.vishay.com
2
APD-256G064-1
Vishay Dale
Plasma Panel Display Module
256 x 64 Graphics Display with Drive Electronics,
TTL Level Data Interfacer and Integrated DC Converter
*Recommended operating voltages. All maximums are absolute
maximum.
FEATURES
• TTL level video interface.
• On board DC converter.
• Slim Profile.
• Large, bright characters and graphics.
• Highly visible for long distance viewing.
ELECTRICAL SPECIFICATIONS
Voltages Required: VDC: + 12 to + 24 VDC.
Vcc: + 5 VDC.
Power Required: Typical = 12 watts, Maximum = 45 watts.
OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.85] W x 4.24" [107.70] H.
Pixel Pitch: 0.050" [1.27] H, 0.0666" [1.69] W.
Pixel Size: 0.025" x 0.040" [0.635 x 1.016].
Color: Neon orange.
Text with typical 5x7 character matrix using 1 column
between characters and 1 row between lines.
Maximum Number of Characters per Line: 42.
Maximum Number of Lines: 16.
Maximum Character Size: .225 W x .439 H.
Luminance: 50 foot lamberts minimum.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0
°C to + 70°C.
Storage Temperature: - 40
°C to + 85°C.
Relative Operating Humidity: To 95% non-condensing.
Mechanical Shock: 30G.
Vibration: 3G.
Operating Altitude: 10,000 feet.
GENERAL DESCRIPTION
The APD-256G064-1 DC Plasma display offers viewing
qualities designers seek such as high contrast, viewing
angle of 150
° minimum, and long distance readability.
It is bright (50 foot lamberts minimum) with characters and
graphics figures presented in a pleasing neon orange color
against a black background. Plasma is much more read-
able and eye-pleasing than liquid crystal or vacuum fluores-
cent displays and is filterable to red, amber, or neutral
density.
These plasma display panels are driven in a standard row -
column refresh method much like a CRT display. The
designer need only supply TTL level signals for SERIAL
DATA, DOT CLOCK, COLUMN LATCH, ROW DATA, ROW
CLOCK and DISPLAY ENABLE. The SERIAL DATA is
entered with the DOT CLOCK up to frequencies as high as
8mHz. After a row of 256 pixels is clocked in, the COLUMN
LATCH signal is toggled and the data is latched. At the time
the data is latched, the display is briefly disabled using the
DISPLAY ENABLE signal, then the row pointer is advanced
with the ROW CLOCK signal. Once each frame the ROW
DATA must be asserted to synchronize the column serial
data with the beginning row. The recommended scanning
frequency is approximately 70 Hz but may be as high as
200 Hz. The high clock rate on the data clock allows for
rapid refresh and maximum access time to the refresh ram.
The APD-256G064-1 has been designed to offer high
brightness and superior viewing aesthetics in a package that
is very affordable. This display is ideal for low to
medium level information content messages and would be
ideal for applications such as arcade games, process
control, POS terminals, medical equipment, message
centers and ATM machines.
3.001
[76.22]
5.986
[152.04]
5.686
[144.42]
Column 1,
Row 1
.150
[3.81]
Dia.
256 x 64 Pixels
14.50
[368.3]
7.25 [184.15]
4.236
[107.60]
5.136
[130.45]
.487
[12.37]
.883
[22.43]
7.25
[184.15]
14.80
[375.92]
14.00
[355.60]
12.775
[324.49]
DIMENSIONS in inches [millimeters]
.150
[3.81]
• • • • • • •
• • • • • • •
CL
CL
CL
• • • • •
6.750 [171.45]
8.775 [222.89]
7.40 [187.96]
10.50 [266.70]
Pin 1 of J3
Pin 1
of P2
.062 [1.57]
PCB
Thickness
.447
± .020
[11.35
± .508]
.150
[3.81]
STANDARD ELECTRICAL SPECIFICATIONS*
DESCRIPTION
Logic supply
DC converter input
DC converter
power @ + 12V
Logic 1 Input
Logic 0 Input
SYMBOL
Vcc
VDC
Amps
Vih
Vil
MIN.
+ 4.5
+ 10
Screen Clear
0.100
2.0
TYP.
+ 5.0
+ 24.0
50% Lit
1.7
MAX.
+ 5.5
+ 28.0
100% Lit
3.5
0.8
UNITS
VDC
VDC
VDC
VDC


Similar Part No. - APD-256G064-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-256G064 VISHAY-APD-256G064 Datasheet
73Kb / 2P
   Plasma Panel Display Module 256 x 64 Graphics Display with Drive Electronics and TTL Level Data Interfacer
Revision 05-Dec-00
APD-256G064A VISHAY-APD-256G064A Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
More results

Similar Description - APD-256G064-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-256G064 VISHAY-APD-256G064 Datasheet
73Kb / 2P
   Plasma Panel Display Module 256 x 64 Graphics Display with Drive Electronics and TTL Level Data Interfacer
Revision 05-Dec-00
APD-192G064-1 VISHAY-APD-192G064-1 Datasheet
84Kb / 3P
   Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics TTL Level Data Interface and Integrated DC Converter
Revision 05-Dec-00
APD-192G064 VISHAY-APD-192G064 Datasheet
52Kb / 1P
   Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 07-Nov-00
APD-128G064 VISHAY-APD-128G064_07 Datasheet
51Kb / 2P
   Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 05-Dec-00
APD-128G064A-1 VISHAY-APD-128G064A-1 Datasheet
78Kb / 2P
   Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics, TTL Level Data Interface and DC to DC Converter
Revision 08-Nov-00
APD-016A070 VISHAY-APD-016A070 Datasheet
73Kb / 3P
   Plasma Panel Display Modules DC Character Module with Drive Electronics TTL Level Data Interface and Integrated DC Converter
Revision 27-Nov-00
APD-128G032 VISHAY-APD-128G032 Datasheet
51Kb / 1P
   Plasma Display Modules 128 x 32 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 16-Nov-00
APD-128G064D VISHAY-APD-128G064D Datasheet
77Kb / 3P
   Plasma Panel Display Modules 128 x 64 Graphics Display with Video Interface, DC Converter and Drive Circuitry
Revision 05-Dec-00
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
APD-128G064C VISHAY-APD-128G064C Datasheet
166Kb / 11P
   Plasma Panel Display Modules 128 x 64 Graphics Display with ASCII Input Controller, DC/DC Converter and Drive Circuitry
Revision 21-Dec-00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com