Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL250036123E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL250036123E3
Description  Aluminum Capacitors Power General Purpose Screw Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL250036123E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL250036123E3 Datasheet HTML 1Page - Vishay Siliconix MAL250036123E3 Datasheet HTML 2Page - Vishay Siliconix MAL250036123E3 Datasheet HTML 3Page - Vishay Siliconix MAL250036123E3 Datasheet HTML 4Page - Vishay Siliconix MAL250036123E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 28390
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
167
500 PGP-ST
Aluminum Capacitors
Power General Purpose Screw Terminals
Vishay BCcomponents
Table 3
Table 4
Table 5
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≥ 400 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1 V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR xUR + 4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR + 4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 50 mm
typ. 16 nH
Case Ø D = 65 mm
typ. 19 nH
Case Ø D = 76 mm
typ. 20 nH
Case Ø D = 90 mm
typ. 20 nH
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER
500
60
0.70
100
0.95
120
1.00
500
1.20
1000
1.30
≥ 10 000
1.40
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF TEMPERATURE
TEMPERATURE (°C)
IR MULTIPLIER
40
2.7
60
2.0
70
1.7
85
1.0
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =85 °C; UR applied;
2000 hours
ΔC/C: ± 10 %
ESR
≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 85 °C; UR and IR applied;
2000 hours
ΔC/C: ± 30 %
ESR
≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage:
≤ 3%
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
After test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C: ± 10 %
ESR
≤ 1.2 x spec. limit
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL250036123E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL250036123E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 28-Sep-17
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 08-May-13
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
   Aluminum Capacitors, Power Eurodin, Screw Terminals
Revision: 28-Oct-11
106PED-ST VISHAY-106PED-ST Datasheet
109Kb / 6P
   Aluminum Capacitors Power Eurodin Screw Terminals
Revision: 31-Oct-08
501PGM-ST VISHAY-501PGM-ST_V01 Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
01-Jan-2023
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com