Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210118333E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL210118333E3
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210118333E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL210118333E3 Datasheet HTML 1Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 2Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 3Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 4Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 5Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 6Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 7Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 8Page - Vishay Siliconix MAL210118333E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371
172
Revision: 31-Oct-08
101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors
Power High Ripple Current Screw Terminals
63
4700
35 x 60
5.9
0.59
42
25
18472E3
58472E3
-
-
6800
35 x 60
6.6
0.86
38
25
18682E3
58682E3
-
-
6800
35 x 80
7.3
0.86
30
19
28682E3
68682E3
-
-
10 000
35 x 80
8.1
1.26
27
19
18103E3
58103E3
-
-
10 000
35 x 105
8.8
1.26
22
14
28103E3
68103E3
-
-
15 000
35 x 105
9.7
1.89
19
14
18153E3
58153E3
-
-
15 000
50 x 80
12.1
1.89
16
11
28153E3
68153E3
--
22 000
50 x 80
11.1
2.77
19
15
18223E3
58223E3
--
22 000
50 x 105
14.3
2.77
12
9
28223E3
68223E3
--
33 000
50 x 105
12.9
4.16
14
12
18333E3
58333E3
--
33 000
65 x 105
16.5
4.16
9
6
28333E3
68333E3
48333E3
88333E3
47 000
65 x 105
15.6
5.92
10
8
18473E3
58473E3
38473E3
78473E3
47 000
76 x 105
18.6
5.92
8
6
28473E3
68473E3
48473E3
88473E3
68 000
76 x 105
20.0
8.57
7
6
18683E3
58683E3
38683E3
78683E3
68 000
76 x 146
21.9
8.57
6
5
28683E3
68683E3
48683E3
88683E3
100 000
76 x 146
23.4
12.6
5
5
28104E3
68104E3
48104E3
88104E3
150 000
76 x 146
22.2
18.9
6
5
18154E3
58154E3
38154E3
78154E3
220 000
76 x 220
27.0
27.7
5
5
18224E3
58224E3
38224E3
78224E3
220 000
90 x 146
36.5
27.7
5
5
-
-
48224E3
88224E3
330 000
90 x 220
42.9
41.6
5
5
-
-
48334E3
88334E3
100
2200
35 x 60
5.2
0.44
50
29
19222E3
59222E3
-
-
3300
35 x 60
6.0
0.66
42
27
19332E3
59332E3
-
-
3300
35 x 80
6.6
0.66
35
21
29332E3
69332E3
-
-
4700
35 x 80
7.3
0.94
31
20
19472E3
59472E3
-
-
4700
35 x 105
7.9
0.94
26
16
29472E3
69472E3
-
-
6800
35 x 105
8.8
1.36
23
15
19682E3
59682E3
-
-
6800
50 x 80
10.9
1.36
19
12
29682E3
69682E3
-
-
10 000
50 x 80
10.5
2.00
21
15
19103E3
59103E3
-
-
10 000
50 x 105
13.1
2.00
14
9
29103E3
69103E3
-
-
15 000
50 x 105
12.3
3.00
16
12
19153E3
59173E3
-
-
22 000
65 x 105
14.8
4.40
11
8
19223E3
59223E3
39223E3
79223E3
22 000
76 x 105
17.4
4.40
9
6
29223E3
69223E3
49223E3
89223E3
33 000
76 x 105
19.0
6.60
8
6
19333E3
59333E3
39333E3
79333E3
33 000
76 x 146
20.7
6.60
7
5
29333E3
69333E3
49333E3
89333E3
47 000
76 x 146
22.4
9.40
6
5
29473E3
69473E3
49473E3
89473E3
68 000
76 x 146
25.6
13.6
6
5
19683E3
59683E3
39683E3
79683E3
100 000
76 x 220
31.2
20.0
5
5
19104E3
59104E3
39104E3
79104E3
100 000
90 x 146
41.5
20.0
5
5
-
-
49104E3
89104E3
150 000
90 x 220
49.1
30.0
5
5
-
-
49154E3
89154E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 101 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min.
(mA)
ESR
max.
100 Hz
(m
Ω)
Z
max.
20 kHz
(m
Ω)
STANDARD HIGH POST
M5 DISC
HIGH CURRENT
M6 DISC
ST
ORDERING
CODE
MAL2101.......
ST BOLT NUT
ORDERING
CODE
MAL2101.......
ST
ORDERING
CODE
MAL2101.......
ST BOLT NUT
ORDERING
CODE
MAL2101.......


Similar Part No. - MAL210118333E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210412102E3 VISHAY-MAL210412102E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412103E3 VISHAY-MAL210412103E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412152E3 VISHAY-MAL210412152E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412153E3 VISHAY-MAL210412153E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412222E3 VISHAY-MAL210412222E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
More results

Similar Description - MAL210118333E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com